công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2022-500E/MD bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP2022-500E/MD
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022-500E/MD bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP2022-500E/MD Datasheet HTML 1Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 2Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 3Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 4Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 5Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 6Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 7Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 8Page - Microchip Technology MCP2022-500E/MD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
 2005-2014 Microchip Technology Inc.
DS20002018H-page 1
MCP2021/2/1P/2P
Features:
• The MCP2021/2/1P/2P are Compliant with LIN
Bus Specifications 1.3, 2.1 and are Compliant to
SAE J2602-2
• Support Baud Rates up to 20 kBaud
with
LIN-compatible Output Driver
• 43V Load Dump Protected
• Very Low EMI Meets Stringent OEM Requirements
• Wide Supply Voltage, 6.0V-18.0V Continuous:
- Maximum input voltage of 30V
• Extended Temperature Range: -40 to +125°C
• Interface to PIC® EUSART and Standard USARTs
• Local Interconnect Network (LIN) Bus Pin:
- Internal pull-up resistor and diode
- Protected against ground shorts
- Protected against loss of ground
- High-current drive
• Automatic Thermal Shutdown
• On-Chip Voltage Regulator:
- Output voltage of 5.0V with tolerances of
±3% overtemperature range
- Available with alternate output voltage of
3.3V with tolerances of ±3% overtemperature
range
- Maximum continuous input voltage of 30V
- Internal thermal overload protection
- Internal short circuit current limit
- External components limited to filter capacitor
and load capacitor
• Two Low-Power modes:
- Receiver On, Transmitter Off, Voltage
Regulator On (
85 µA)
- Receiver Monitoring Bus, Transmitter Off,
Voltage Regulator Off (
16 µA)
Description:
The MCP2021/2/1P/2P provides a bidirectional, half-
duplex communication physical interface to automotive
and industrial LIN systems that meets the LIN bus
specification Revision 2.1 and SAE J2602-2. The
devices incorporate a voltage regulator with 5V at
50 mA or 3.3V at 50 mA regulated power-supply
outputs.
The regulator is short-circuit protected, and is protected
by an internal thermal shutdown circuit. The device has
been specifically designed to operate in the automotive
operating environment and will survive all specified
transient conditions while meeting all of the stringent
quiescent current requirements.
The MCP2021/2/1P/2P family of devices includes the
following packages.
8-pin PDIP, DFN and SOIC packages:
• MCP2021-330, LIN-compatible driver, 8-pin, 3.3V
regulator, wake up on dominant level of LBUS
• MCP2021-500, LIN-compatible driver, 8-pin, 5.0V
regulator, wake up on dominant level of LBUS
• MCP2021P-330, LIN-compatible driver, 8-pin,
3.3V regulator, wake up at falling edge of LBUS
voltage
• MCP2021P-500, LIN-compatible driver, 8-pin,
5.0V regulator, wake up at falling edge of LBUS
voltage
14-pin PDIP, TSSOP and SOIC packages with RESET
output:
• MCP2022-330, LIN-compatible driver, 14-pin,
3.3V regulator, RESET output, wake up on
dominant level of LBUS
• MCP2022-500, LIN-compatible driver, 14-pin,
5.0V regulator, RESET output, wake up on
dominant level of LBUS
• MCP2022P-330, LIN-compatible driver, 14-pin,
3.3V regulator, RESET output, wake up at falling
edge of LBUS voltage
• MCP2022P-500, LIN-compatible driver, 14-pin,
5.0V regulator, RESET output, wake up at falling
edge of LBUS voltage
LIN Transceiver with Voltage Regulator


Số phần tương tự - MCP2022-500E/MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2022-500E/MD MICROCHIP-MCP2022-500E/MD Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
More results

Mô tả tương tự - MCP2022-500E/MD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com