công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1726T-2502E/SN bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP1726T-2502E/SN
Giải thích chi tiết về linh kiện  1A, Low-Voltage, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726T-2502E/SN bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP1726T-2502E/SN Datasheet HTML 1Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 2Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 3Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 4Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 5Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 6Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 7Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 8Page - Microchip Technology MCP1726T-2502E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 5
MCP1726
Power Good Characteristics
Input Voltage Operating Range
for Valid PWRGD
VPWRGD_VIN
1.0
6.0
V
TA = +25°C
1.2
6.0
TA = -40°C to +125°C
ISINK = 100 µA
PWRGD Threshold Voltage
(Referenced to VOUT)
PWRGD_THF
88
92
96
%VOUT < 2.5V, Falling Edge
89
92
95
%VOUT > 2.5V, Falling Edge
PWRGD_THR
89
94
98
%VOUT < 2.5V, Rising Edge
90
93
96
%VOUT > 2.5V, Rising Edge
PWRGD Output Voltage Low
VPWRGD_L
—0.2
0.4
VIPWRGD SINK =1.2 mA
PWRGD Leakage
PWRGD_LK
—0.1
µA
VPWRGD =VIN =6.0V
PWRGD Time Delay
TPG
200
µs
CDELAY =OPEN
10
30
55
ms
CDELAY =0.01µF
300
ms
CDELAY =0.1 µF
Detect Threshold to PWRGD
Active Time Delay
TVDET-PWRGD
170
µs
Shutdown Input
Logic-High Input
VSHDN-HIGH
45
——
%VIN
VIN = 2.3V to 6.0V
Logic-Low Input
VSHDN-LOW
——
15
%VIN
VIN = 2.3V to 6.0V
SHDN Input Leakage Current
SHDNILK
-0.1
±0.001
+0.1
µA
VIN = 6V, SHDN =VIN,
SHDN =GND
AC Performance
Output Delay from SHDN
TOR
100
µs
SHDN = GND to VIN
VOUT = GND to 95% VR
Output Noise
eN
—2.0
µV/
Hz IOUT =200 mA, f = 1kHz,
COUT = 1 µF (X7R Ceramic),
VOUT =2.5V
Power Supply Ripple Rejection
Ratio
PSRR
54
dB
f = 100 Hz, COUT =10 µF,
IOUT =100 mA,
VINAC =30 mV pk-pk,
CIN =0 µF
Thermal Shutdown Temperature
TSD
150
°C
IOUT =100 µA,
VOUT =1.8V, VIN =2.8V
Thermal Shutdown Hysteresis
TSD
—10
°C
IOUT =100 µA,
VOUT =1.8V, VIN =2.8V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, VIN =(VR + 0.5V) or 2.3V, whichever is greater, IOUT =1 mA,
CIN =COUT = 4.7 µF (X7R Ceramic), TA =+25°C. Boldface type applies for junction temperatures, TJ (Note 7), of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1:
The minimum VIN must meet two conditions: VIN  2.3V and VIN VR +2.5% VDROPOUT.
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR =VADJ x((R1/R2) + 1). See Figure 4-1.
3:
TCVOUT =(VOUT-HIGH –VOUT-LOW)x 10
6/(VR x Temperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN =VR +0.5V.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, JA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 125°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.


Số phần tương tự - MCP1726T-2502E/SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726T-2502E/SN MICROCHIP-MCP1726T-2502E/SN Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
More results

Mô tả tương tự - MCP1726T-2502E/SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
   1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com