công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2221A bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP2221A
Giải thích chi tiết về linh kiện  USB 2.0 to I2C/UART Protocol Converter with GPIO
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221A bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP2221A Datasheet HTML 6Page - Microchip Technology MCP2221A Datasheet HTML 7Page - Microchip Technology MCP2221A Datasheet HTML 8Page - Microchip Technology MCP2221A Datasheet HTML 9Page - Microchip Technology MCP2221A Datasheet HTML 10Page - Microchip Technology MCP2221A Datasheet HTML 11Page - Microchip Technology MCP2221A Datasheet HTML 12Page - Microchip Technology MCP2221A Datasheet HTML 13Page - Microchip Technology MCP2221A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MCP2221A
DS20005565A-page 10
 2016 Microchip Technology Inc.
REGISTER 1-7:
USBPIDL REGISTER
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-1
USBPIDL7
USBPIDL6
USBPIDL5
USBPIDL4
USBPIDL3
USBPIDL2
USBPIDL1
USBPIDL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
USBPIDL<7:0>:
USB PID Lower Byte (factory default: 0xDD(hex))
REGISTER 1-8:
USBPIDH REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
USBPIDH7
USBPIDH6
USBPIDH5
USBPIDH4
USBPIDH3
USBPIDH2
USBPIDH1
USBPIDH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
USBPIDH<7:0>:
USB PID Higher Byte (factory default: 0x00(hex))
REGISTER 1-9:
USBPWRATTR REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SELFPWR
REMWKUP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Reserved:
Reserved – set to ‘1’ (factory default)
bit 6
SELFPWR:
USB Self-Powered Attribute bit
1
= Chip will enumerate on the USB bus as being self powered
0
= Chip will enumerate on the USB bus as being USB bus powered (factory default)
bit 5
REMWKUP:
USB Remote Wake-Up Capability bit
1
= Chip will enumerate on the USB bus as being able to wake up the USB host
0
= Chip will enumerate as not being capable of remote wake-up of the USB host (factory default)
bit 4-0
Reserved:
Set all bits to ‘0’ (factory default)


Số phần tương tự - MCP2221A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2221A-I/ST MICROCHIP-MCP2221A-I/ST Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
More results

Mô tả tương tự - MCP2221A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
   USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
08/04/10
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
   USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
   USB to Serial UART Bridge Converter
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Future Technology Devic...
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com