công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7451N bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
SN7451N bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 20 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN7451N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS51D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS51 SN74LS51D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS51 SN74LS51DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS51 SN74LS51DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS51 SN74LS51N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS51N SN74LS51N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS51N SN74LS51NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS51 SN74LS51NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS51 SN74S51D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S51 SN74S51D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S51 SN74S51J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74S51J OBSOLETE CDIP J 14 TBD Call TI Call TI 0 to 70 SN74S51N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S51N SN74S51N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S51N SN74S51N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S51N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S51NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S51N SN74S51NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S51N SNJ5451J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SNJ5451J |
Số phần tương tự - SN7451N |
|
Mô tả tương tự - SN7451N |