công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3486N bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MC3486N
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MC3486N bảng dữ liệu(HTML) 1 Page - Texas Instruments

  MC3486N Datasheet HTML 1Page - Texas Instruments MC3486N Datasheet HTML 2Page - Texas Instruments MC3486N Datasheet HTML 3Page - Texas Instruments MC3486N Datasheet HTML 4Page - Texas Instruments MC3486N Datasheet HTML 5Page - Texas Instruments MC3486N Datasheet HTML 6Page - Texas Instruments MC3486N Datasheet HTML 7Page - Texas Instruments MC3486N Datasheet HTML 8Page - Texas Instruments MC3486N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MC3486
QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH 3-STATE OUTPUTS
SLLS097C – JUNE 1980 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standards EIA/TIA-422-B and
EIA/TIA-423-B and ITU Recommendations
V.10 and V.11
D 3-State, TTL-Compatible Outputs
D Fast Transition Times
D Operates From Single 5-V Supply
D Designed to Be Interchangeable With
Motorola
 MC3486
description
The MC3486 is a monolithic quadruple differential line receiver designed to meet the specifications of ANSI
Standards TIA/EIA-422-B and TIA/EIA-423-B and ITU Recommendations V.10 and V.11. The MC3486 offers
four independent differential-input line receivers that have TTL-compatible outputs. The outputs utilize 3-state
circuitry to provide a high-impedance state at any output when the appropriate output enable is at a low logic
level.
The MC3486 is designed for optimum performance when used with the MC3487 quadruple differential line
driver. It is supplied in a 16-pin package and operates from a single 5-V supply.
The MC3486 is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
SMALL OUTLINE
(D, NS)
PLASTIC
DIP
(N)
0
°C to 70°C
MC3486D
MC3486NS
MC3486N
The D package is available taped and reeled. Add the suffix R
to the device type (e.g., MC3486DR). The NS package is only
available taped and reeled.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Motorola is a trademark of Motorola, Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
D, N, OR NS PACKAGE
(TOP VIEW)


Số phần tương tự - MC3486N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3486N TI-MC3486N Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486N TI-MC3486N Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NE4 TI-MC3486NE4 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NS TI-MC3486NS Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486NSR TI-MC3486NSR Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - MC3486N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI-MC3486_06 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com