công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3303 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MC3303
Giải thích chi tiết về linh kiện  QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MC3303 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  MC3303 Datasheet HTML 1Page - Texas Instruments MC3303 Datasheet HTML 2Page - Texas Instruments MC3303 Datasheet HTML 3Page - Texas Instruments MC3303 Datasheet HTML 4Page - Texas Instruments MC3303 Datasheet HTML 5Page - Texas Instruments MC3303 Datasheet HTML 6Page - Texas Instruments MC3303 Datasheet HTML 7Page - Texas Instruments MC3303 Datasheet HTML 8Page - Texas Instruments MC3303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MC3303, MC3403
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
SLOS101C – FEBRUARY 1979 – REVISED FEBRUARY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
5
30
V
Dual supply voltage
VCC+
2.5
15
V
Dual-supply voltage
VCC–
–2.5
–15
V
TA
Operating free air temperature
MC3303
–40
85
°C
TA
Operating free-air temperature
MC3403
0
70
°C
electrical characteristics at specified free-air temperature, VCC+ = 14 V, VCC– = 0 V for MC3303,
VCC± = ±15 V for MC3403 (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MC3303
MC3403
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
See Note 5
25
°C
2
8
2
10
mV
VIO
Input offset voltage
See Note 5
Full range
10
12
mV
a
V
IO
Temperature coefficient
of input offset voltage
See Note 5
Full range
10
10
µV/°C
IIO
Input offset current
See Note 5
25
°C
30
75
30
50
nA
IIO
Input offset current
See Note 5
Full range
250
200
nA
a
I
IO
Temperature coefficient
of input offset current
See Note 5
Full range
50
50
pA/C
IIB
Input bias current
See Note 5
25
°C
–0.2
–0.5
–0.2
–0.5
µA
IIB
Input bias current
See Note 5
Full range
–1
–0.8
µA
VICR
Common-mode
input voltage range‡
25
°C
VCC–
to 12
VCC–
to 12.5
VCC–
to 13
VCC–
to 13.5
V
Pk
tt
RL = 10 kΩ
25
°C
12
12.5
±12
±13.5
VOM
Peak output
voltage swing
RL = 2 kΩ
25
°C
10
12
±10
±13
V
voltage swing
RL = 2 kΩ
Full range
10
±10
AVD
Large-signal differential
VO = ±10 V RL =2kΩ
25
°C
20
200
20
200
V/mV
AVD
gg
voltage amplification
VO = ±10 V, RL = 2 kΩ
Full range
15
15
V/mV
BOM
Maximum-output-swing
bandwidth
VOPP = 20 V, AVD = 1,
THD
≤ 5%, RL = 2 kΩ
25
°C
9
9
kHz
B1
Unity-gain bandwidth
VO = 50 mV, RL = 10 kΩ
25
°C
1
1
MHz
φm
Phase margin
CL = 200 pF, RL = 2 kΩ
25
°C
60
°
60
°
ri
Input resistance
f = 20 Hz
25
°C
0.3
1
0.3
1
M
ro
Output resistance
f = 20 Hz
25
°C
75
75
CMRR
Common-mode
rejection ratio
VIC = VICRmin
25
°C
70
90
70
90
dB
kSVS
Supply voltage
sensitivity
(
∆VIO/∆VCC)
VCC
± = ±2.5 to ±15 V
25
°C
30
150
30
150
µV/V
IOS
Short-circuit
output current§
25
°C
±10
±30
±45
±10
±30
±45
mA
ICC
Total supply current
No load, See Note 5
25
°C
2.8
7
2.8
7
mA
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range for TA is
–40
°C to 85°C for MC3303, and 0°C to 70°C for MC3403.
‡ The VICR limits are linked directly, volt-for-volt, to supply voltage; the positive limit is 2 V less than VCC+.
§ Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
NOTE 5: VIO, IIO, IIB, and ICC are defined at VO = 0 for MC3403 and VO = 7 V for MC3303.


Số phần tương tự - MC3303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3303 TI-MC3303 Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3303 FAIRCHILD-MC3303 Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3303 ONSEMI-MC3303 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC3303 TI-MC3303 Datasheet
359Kb / 13P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - MC3303

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G1544 GMT-G1544 Datasheet
661Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
MC3303 TI-MC3303_06 Datasheet
359Kb / 13P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI-MC3303 Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1540 GMT-G1540 Datasheet
857Kb / 1P
   Low Power Quadruple Operational Amplifiers
G1559 GMT-G1559 Datasheet
478Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
LP324 TI-LP324_10 Datasheet
308Kb / 10P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
240Kb / 9P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LP324 NSC-LP324_14 Datasheet
789Kb / 13P
   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com