công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM723JAN bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM723JAN
Giải thích chi tiết về linh kiện  Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM723JAN bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM723JAN_13 Datasheet HTML 1Page - Texas Instruments LM723JAN_13 Datasheet HTML 2Page - Texas Instruments LM723JAN_13 Datasheet HTML 3Page - Texas Instruments LM723JAN_13 Datasheet HTML 4Page - Texas Instruments LM723JAN_13 Datasheet HTML 5Page - Texas Instruments LM723JAN_13 Datasheet HTML 6Page - Texas Instruments LM723JAN_13 Datasheet HTML 7Page - Texas Instruments LM723JAN_13 Datasheet HTML 8Page - Texas Instruments LM723JAN_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM723JAN
www.ti.com
SNVS317A – FEBRUARY 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Pulse Voltage from V+ to V(50 ms)
50V
Continuous Voltage from V+ to V
40V
Input-Output Voltage Differential
40V
Differential Input Voltage
±5V
Voltage between non-inverting input and V-
+8V
Current from VZ
25 mA
Current from VREF
15 mA
Internal Power Dissipation (TA = 125°C)
Metal Can (2)
300 mW
CDIP (2)
400 mW
Maximum TJ
+175°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering, 4 sec. max.)
300°C
Thermal Resistance
θJA
CDIP (Still Air)
100°C/W
CDIP (500LF/ Min Air flow)
61°C/W
Metal Can (Still Air)
156°C/W
Metal Can (500LF/ Min Air flow)
89°C/W
θJC
CDIP
22°C/W
Metal Can
37°C/W
ESD Tolerance (3)
1200V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is Pd = (TJMAX − TA)/θJA or the number given in
the Absolute Maximum Ratings, whichever is less. See derating curves for maximum power rating above 25°C.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Recommended Operating Conditions
Input Voltage Range
9.5V to 40V DC
Output Voltage Range
2V to 37V DC
Input-Output Voltage Differential
2.5 V to 38V DC
Ambient Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Quality Conformance Inspection
MIL-STD-883, Method 5004 and Method 5005
Subgroup
Description
Temp ( °C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM723JAN


Số phần tương tự - LM723JAN_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM723JAN-SP TI-LM723JAN-SP Datasheet
815Kb / 21P
[Old version datasheet]   LM723JAN Voltage Regulator
More results

Mô tả tương tự - LM723JAN_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com