công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102QML-SP bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC128S102QML-SP
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102QML-SP bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADC128S102QML-SP Datasheet HTML 5Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 6Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 7Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 8Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 9Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 10Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 11Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 12Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
ADC128S102QML-SP
www.ti.com
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
This is worse case drift, Deltas are performed at room temperature post operational life. All other parameters, no deltas are required.
6.7 Electrical Characteristics: Burn in Delta Parameters - TA at 25°C
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral non-linearity
VA = VD = 3 V
–0.5
0.106
0.5
LSB
VA = VD = 5 V
–0.35
0.016
0.35
LSB
IMD
Intermodulation distortion,
second order terms
VA = VD = 3 V
–14
1.35
14
dB
VA = VD = 5 V
–17
1.67
17
dB
IMD
Intermodulation distortion, third
order terms
VA = VD = 3 V
–10
0.47
10
dB
VA = VD = 5 V
–10
0.9
10
dB
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
Clock may be in any state (high or low) when CS goes high. Setup and hold time restrictions apply only to CS going low.
6.8 Timing Requirements
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
SUBGROUP
MIN
NOM(1)
MAX
UNIT
tCSH
CS hold time after SCLK rising
edge
See (2)
[9, 10, 11]
10
0
ns
tCSS
CS setup time prior to SCLK
rising edge
See (2)
[9, 10, 11]
10
4.5
ns
tEN
CS falling edge to DOUT enabled
[9, 10, 11]
5
30
ns
tDACC
DOUT access time after SCLK falling edge
[9, 10, 11]
17
27
ns
tDHLD
DOUT hold time after SCLK falling edge
[9, 10, 11]
7
ns
tDS
DIN setup time prior to SCLK rising edge
[9, 10, 11]
10
ns
tDH
DIN hold time after SCLK rising edge
[9, 10, 11]
10
ns
tCH
SCLK high time
0.4 × tSCLK
ns
tCL
SCLK low time
0.4 × tSCLK
ns
tDIS
CS rising edge to DOUT high-
impedance
DOUT falling
[9, 10, 11]
2.4
20
ns
DOUT rising
[9, 10, 11]
0.9
20
ns
(1)
MIL-STD-883, Method 5005 - Group A
Table 1. Quality Conformance Inspection(1)
SUBGROUP
DESCRIPTION
TEMP (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55
12
Setting time at
25
13
Setting time at
125
14
Setting time at
–55


Số phần tương tự - ADC128S102QML-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102QML-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
   Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
   Radiation Hardened 8-Channel Source Driver
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com