công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1584J bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện UC1584J
Giải thích chi tiết về linh kiện  Secondary Side Synchronous Post Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1584J bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1584J Datasheet HTML 1Page - Texas Instruments UC1584J Datasheet HTML 2Page - Texas Instruments UC1584J Datasheet HTML 3Page - Texas Instruments UC1584J Datasheet HTML 4Page - Texas Instruments UC1584J Datasheet HTML 5Page - Texas Instruments UC1584J Datasheet HTML 6Page - Texas Instruments UC1584J Datasheet HTML 7Page - Texas Instruments UC1584J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1584
UC2584
UC3584
03/99
FEATURES
• Practical Operation at Switching
Frequencies up to 1MHz
• Wide Band Error Amplifier
• Undervoltage Lockout with Hysteresis
• Output Active Low During UVLO
• Soft Start/Maximum Duty Cycle
Control
• Trimmed Bandgap Reference
• Internally Regulated 15V Boost
Supply
• Short Circuit Protection with
Programmable Delay
Secondary Side Synchronous Post Regulator
DESCRIPTION
The UC3584 is a low voltage, Secondary Side Synchronous Post Regula-
tor. It is intended to be used for auxiliary output voltage regulation in single
secondary winding, multiple output power supplies (for more details refer
to the Application Section of this Data sheet). The UC3584 is most suited
for systems where the main output is regulated between 5V and 14V. Out-
put voltages regulated by the UC3584 can range from virtually 0V up to
the output voltage of the main output.
Auxiliary output voltage regulation with the UC3584 uses leading edge
modulation making it compatible to primary side peak current or voltage
mode control. The UC3584 clock circuit is synchronized to the switching
frequency utilizing the falling edge of the transformer’s secondary winding
waveform.
15
13
14
16
11
9
10
12
SYNC
CT
RT
VREG
VCC
220pF
15k
100pF
1k
BST2
PGND
FB
BST1
0.1
µF
1N4148
0.1
µF
10
µF
SOLID
TANTALUM
+
1N4148
33
µH
COLTRONICS
470
µF
+
2
4
3
1
6
8
7
5
COMP
SS
CDLY
GND
SRC
OUT
VFLT
1.5
µF
120pF
1000pF
0.1
µF
3300pF
20k
30.1k
1500pF
1.33k
24.3k
3.3V
AUX
100
1.5W
0.1
µF
390
µF
33
µH
COILTRONICS
CSHD
10-45L
IRFR024
4.75k
3.57k
3.3
+
+
+
+
7
µH
OS-CON
330
µF
+
1
µF
+
5V
MAIN
170kHz
PUSH-PULL
2
2
10
10
10BQ040
TYPICAL APPLICATION DIAGRAM.
UDG-99062


Số phần tương tự - UC1584J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
More results

Mô tả tương tự - UC1584J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com