công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1584 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện UC1584
Giải thích chi tiết về linh kiện  Secondary Side Synchronous Post Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1584 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  UC1584_08 Datasheet HTML 1Page - Texas Instruments UC1584_08 Datasheet HTML 2Page - Texas Instruments UC1584_08 Datasheet HTML 3Page - Texas Instruments UC1584_08 Datasheet HTML 4Page - Texas Instruments UC1584_08 Datasheet HTML 5Page - Texas Instruments UC1584_08 Datasheet HTML 6Page - Texas Instruments UC1584_08 Datasheet HTML 7Page - Texas Instruments UC1584_08 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
UC1584
UC2584
UC3584
Edge Modulation
During normal operation the oscillator must be synchro-
nized to the falling edge of the transformer secondary
waveform. Synchronization is achieved by connecting
SYNC to the secondary winding via a resistor divider.
The resistor divider must be chosen to provide a SYNC
pin voltage in excess of 1V at the lowest operating volt-
age on the transformer secondary winding. The UC3584
will generate a narrow internal synchronization pulse
which will synchronize the oscillator to the switching fre-
quency of the main converter.
PWM and Output Driver
The UC3584 employs leading edge modulation tech-
nique to set the required on time of its output. Leading
edge modulation is preferred for secondary side regula-
tion in multiple output converters to prevent ambiguity in
the primary current waveform. In fact, this is the only fea-
sible technique to preserve compatibility with primary
side peak current mode control.
As Fig. 1 depicts the UC3584 utilizes voltage mode con-
trol to regulate output voltage. The output pulse width
(the on-time of the MOSFET switch) is determined on a
cycle-by-cycle basis by comparing the output of the volt-
age error amplifier and the ramp waveforms across the
timing capacitor. OUT is asserted when the voltage on
COMP exceeds the voltage on CT. There are three more
conditions which must be satisfied to obtain an active
high on the OUT pin. These conditions are:
1. VCC within normal range (UVLO is inactive),
2. No fault condition is detected,
3. CT is discharging.
During the fast charging time of the CT capacitor is held
low.
Ultimately, the output of the PWM circuitry controls the
conduction interval of an external N-channel MOSFET
switch in the power supply. The UC3584 employs an
on-board, floating gate driver circuit to interface to the
external switch. An external capacitor connected be-
tween VFLT and SRC acts as a floating power supply for
V
SEC
C
T
OUT
COMP
INTERNAL
SYNC PULSE
Figure 1. Trailing edge synchronization, leading edge modulation.
APPLICATION INFORMATION (cont.)
UDG-99064
1.E+04
1.E+05
1.E+06
1.E+03
1.E+04
1.E+05
TIMING RESISTOR (Ohms)
47pF
100pF
220pF
470pF
1000pF
1200pF
1500pF
Figure 2. Oscillator frequency vs. RT with CT as a
parameter.


Số phần tương tự - UC1584_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
More results

Mô tả tương tự - UC1584_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com