công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1625J883B bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện UC1625J883B
Giải thích chi tiết về linh kiện  Brushless DC Motor Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1625J883B bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UC1625J883B Datasheet HTML 1Page - Texas Instruments UC1625J883B Datasheet HTML 2Page - Texas Instruments UC1625J883B Datasheet HTML 3Page - Texas Instruments UC1625J883B Datasheet HTML 4Page - Texas Instruments UC1625J883B Datasheet HTML 5Page - Texas Instruments UC1625J883B Datasheet HTML 6Page - Texas Instruments UC1625J883B Datasheet HTML 7Page - Texas Instruments UC1625J883B Datasheet HTML 8Page - Texas Instruments UC1625J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
UC1625
UC2625
UC3625
SLUS353C – NOVEMBER 2003 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for: TA = 25°C; Pwr VCC = VCC = 12 V; ROSC = 20 kΩ to VREF; COSC = 2 nF;
RTACH = 33 kΩ; CTACH = 10 nF; and all outputs unloaded. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overall
Supply current
14.5
30.0
mA
VCC turn-on threshold
Over operating range
8.65
8.95
9.45
V
VCC turn-off threshold
7.75
8.05
8.55
Overvoltage/Coast
OV-COAST inhibit threshold
1.65
1.75
1.85
OV-COAST restart threshold
1.55
1.65
1.75
V
Over operating range
OV-COAST hysteresis
0.05
0.10
0.15
OV-COAST input current
-10
-1
0
μA
Logic Inputs
H1, H2, H3 low threshold
0.8
1.0
1.2
Over operating range
V
H1, H2, H3 high threshold
1.6
1.9
2.0
H1, H2, H3 input current
Over operating range, to 0 V
-400
-250
-120
μA
QUAD SEL, dir thresholds
Over operating range
0.8
1.4
2.0
V
QUAD SEL hysteresis
70
mV
DIR hysteresis
0.6
V
QUAD SEL input current
-30
50
150
μA
DIR input current
-30
-1
30
PWM Amp/Comparator
E/A IN(+), E/A IN(–) input current
To 2.5 V
-5.0
-0.1
5.0
μA
PWM IN input current
To 2.5 V
0
3
30
Error amp input offset
0 V < VCOMMON-MODE < 3 V
-10
10
mV
Error amp voltage gain
70
90
dB
E/A OUT range
0.25
3.50
V
Pull-up current
To 0 V
-16
-10
-5
μA
SSTART
Discharge current
To 2.5 V
0.1
0.4
3.0
mA
Restart threshold
0.1
0.2
0.3
V
Current Amp
ISENSE1 = 0.3 V, ISENSE2 = 0.5 V to
Gain
1.75
1.95
2.15
V/V
0.7 V
Level shift
ISENSE1 = 0.3 V, ISENSE2 = 0.3 V
2.4
2.5
2.65
Peak current threshold
0.14
0.20
0.26
V
ISENSE1 = 0 V, force ISENSE2
Over current threshold
0.26
0.30
0.36
ISENSE1, ISENSE2 input current
-850
-320
0
To 0 V
μA
ISENSE1, ISENSE2 offset current
±2
±12
Range ISENSE1, ISENSE2
-1
2
V
Tachometer/Brake
TACH-OUT high level
4.7
5
5.3
Over operating range, 10 k
Ω to 2.5
V
V
TACH-OUT low level
0.2
On time
170
220
280
μs
On time change with temp
Over operating range
0.1%
RC-BRAKE input current
To 0 V
-4.0
-1.9
mA
Threshold to brake, RC-brake
Over operating range
0.8
1.0
1.2
V
Brake hysteresis, RC-brake
0.09
SPEED-IN threshold
Over operating range
220
257
290
mV
SPEED-IN input current
-30
-5
30
μA
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: UC1625 UC2625 UC3625


Số phần tương tự - UC1625J883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1625J883B TI-UC1625J883B Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
More results

Mô tả tương tự - UC1625J883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com