công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1724 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện UC1724
Giải thích chi tiết về linh kiện  Isolated Drive Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1724 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1724 Datasheet HTML 1Page - Texas Instruments UC1724 Datasheet HTML 2Page - Texas Instruments UC1724 Datasheet HTML 3Page - Texas Instruments UC1724 Datasheet HTML 4Page - Texas Instruments UC1724 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UC1724
UC2724
UC3724
04/99
FEATURES
• 500mA Output Drive, Source or Sink
• 8 to 35V Operation
• Transmits Logic Signal Instantly
• Programmable Operating Frequency
• Under-Voltage Lockout
• Able To Pass DC Information Across
Transformer
• Up To 600kHz Operation
DESCRIPTION
The UC1724 family of Isolated Drive Transmitters, along with the UC1725
Isolated Drivers, provide a unique solution to driving isolated power
MOSFET gates. They are particularly suited to drive the high-side devices
on a high-voltage H-bridge. The UC1724 devices transmit drive logic, and
drive power, to the isolated gate circuit using a low cost pulse transformer.
This drive system utilizes a duty-cycle modulation technique that gives in-
stantaneous response to the drive control transistions, and reliably passes
steady-state, or DC, conditions. High frequency operation, up to 600kHz,
allows the cost and size of the coupling transformer to be minimized.
These devices will operate over an 8 to 35 Volt supply range. The dual high
current totem pole outputs are disabled by an uder-voltage lockout circuit to
prevent spurious responses during startup or low voltage conditions.
These devices are available in 8 pin plastic or ceramic dual-inline pack-
ages, as well as 16 pin SOIC package.
Isolated Drive Transmitter
BLOCK DIAGRAM
UDG-92037
Note: Pin numbers refer to DIL-8 packages.


Số phần tương tự - UC1724

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
More results

Mô tả tương tự - UC1724

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com