công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33291DWR2 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC33291DWR2
Giải thích chi tiết về linh kiện  Eight Output Switch with Serial Peripheral Interface I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33291DWR2 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC33291DWR2 Datasheet HTML 1Page - Motorola, Inc MC33291DWR2 Datasheet HTML 2Page - Motorola, Inc MC33291DWR2 Datasheet HTML 3Page - Motorola, Inc MC33291DWR2 Datasheet HTML 4Page - Motorola, Inc MC33291DWR2 Datasheet HTML 5Page - Motorola, Inc MC33291DWR2 Datasheet HTML 6Page - Motorola, Inc MC33291DWR2 Datasheet HTML 7Page - Motorola, Inc MC33291DWR2 Datasheet HTML 8Page - Motorola, Inc MC33291DWR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
33291
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33291 Simplified Block Diagram
VPWR
21
Gate
Control
Open
Load
Detect
Short
Circuit
Detect
Over
Temperature
Detect
Over
Voltage
Voltage
Regulator
Serial D/O
Line Driver
OVD
VDD
RB
SFPD
SFL
CS
SCLK
SI
SO
CSI
CSBI
GE
OT
SF
OF
SPI
Interface
Logic
+
Fault Timers
+
+
+
10 µA
25 µA
10 µA
Bias
To Gates
1 to 7
Output 0
24
Outputs 1 to 7
From Detectors 1 to 7
Grounds 5-8
17-20
RS
lLimit
53 V
2
11 - 14
23
VDD
SFPD
RST
CS
SCLK
SI
SO
16
15
22
10
3
4
9
10 µA
10 µA
FAULT OPERATION
Serial Output (SO) Pin Reports
Over Voltage
Over voltage condition reported
Over Temperature
Fault reported by Serial Output (SO) pin
Over Current
SO pin reports short to battery/supply or over current condition
Output ON, Open Load Fault
Not reported
Output OFF, Open Load Fault SO pin reports output OFF open load condition
Device Shutdowns
Over Voltage
Total device shutdown at VPWR = 28 to 36 V. All outputs are latched off while the SPI register is reset (cleared).
Outputs can be turned back on with a new SPI command after VPWR has decayed below 26.5 V.
Over Temperature
Only the output experiencing an over temperature condition turns OFF.
Over Current
Only the output experiencing an over current shuts down at 1.0 to 3.0 A after a 70 to 250 µs delay, with SFPD pin
grounded. All other outputs will continue to operate in a current limit mode, with no shutdown, if the SFPD pin is at
5.0 V (so long as the individual outputs are not experiencing thermal limit conditions).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33291DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291DWR2 NXP-MC33291DWR2 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results

Mô tả tương tự - MC33291DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com