công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33291DWR2 bảng dữ liệu(PDF) 15 Page - Motorola, Inc

tên linh kiện MC33291DWR2
Giải thích chi tiết về linh kiện  Eight Output Switch with Serial Peripheral Interface I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33291DWR2 bảng dữ liệu(HTML) 15 Page - Motorola, Inc

Back Button MC33291DWR2 Datasheet HTML 11Page - Motorola, Inc MC33291DWR2 Datasheet HTML 12Page - Motorola, Inc MC33291DWR2 Datasheet HTML 13Page - Motorola, Inc MC33291DWR2 Datasheet HTML 14Page - Motorola, Inc MC33291DWR2 Datasheet HTML 15Page - Motorola, Inc MC33291DWR2 Datasheet HTML 16Page - Motorola, Inc MC33291DWR2 Datasheet HTML 17Page - Motorola, Inc MC33291DWR2 Datasheet HTML 18Page - Motorola, Inc MC33291DWR2 Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33291
15
FUNCTIONAL PIN DESCRIPTION
CS Pin
The 33291 receives its MCU communication through the CS
pin. Whenever this pin is in a logic low state, data can be
transferred from the MCU to the 33291 by way of the SI pin and
from the 33291 to the MCU through the SO pin. Clocked-in data
from the MCU is transferred from the 33291 Shift register and
latched into the power outputs on the rising edge of the CS
signal. On the falling edge of the CS signal, drain status
information is transferred from the power outputs then loaded
into the Shift register of the device. The CS pin also controls the
output driver of the serial output (SO) pin. Whenever the CS pin
goes to a logic low state, the SO pin output driver is enabled
allowing information to be transferred from the 33291 to the
MCU. To avoid data corruption or the generation of spurious
data, it is essential the high-to-low transition of the CS signal
occur only when SCLK is in a logic low state.
SCLK Pin
The system clock (SCLK) pin clocks the internal shift
registers of the 33291. The serial input (SI) pin accepts data into
the Input Shift register on the falling edge of the SCLK signal
while the serial output (SO) pin shifts data information out of the
SO line driver on the rising edge of the SCLK signal. False
clocking of the Shift register must be avoided to guarantee
validity of data. It is essential the SCLK pin be in a logic low
state whenever the chip select bar (CS) pin makes any
transition. For this reason, it is recommended, though not
absolutely necessary, the SCLK pin be kept in a low logic state
as long as the device is not accessed (CS in logic high state).
When CS is in a logic high state, signals at the SCLK and SI
pins are ignored and SO is tri-stated (high impedance). See the
Data Transfer Timing diagram in Figure 16.
SI Pin
This pin is for the input of serial instruction (SI) data. SI is
read on the falling edge of SCLK. A logic high state present on
this pin when the SCLK signal rises will program a specific
output OFF. In turn, the pin turns OFF the specific output on the
rising edge of the CS signal. Conversely, a logic low state
present on the SI pin will program the output ON, In turn, the pin
turns ON the specific output on the rising edge of the CS signal.
To program the eight outputs of the 33291 ON or OFF, an 8-
bit serial stream of data is required to be synchronously entered
into the SI pin starting with Output 7, followed by Output 6,
Output 5, and so on, to Output 0. Referring to Figure 16, the DO
bit is the most significant bit (MSB) corresponding to Output 7.
For each rise of the SCLK signal, with CS held in a logic low
state, a data-bit instruction (ON or OFF) is synchronously
loaded into the Shift register per the data-bit SI state. The Shift
register is full after eight bits of information have been entered.
To preserve data integrity, care should be taken to not transition
SI as SCLK transitions from a low-to-high logic state.
SO Pin
The serial output (SO) pin is the tri-stateable output from the
Shift register. The SO pin remains in a high impedance state
until the CS pin goes to a logic low state. The SO data reports
the drain status, either high or low relative to the previous
command word. The SO pin changes state on the rising edge
of SCLK and reads out on the falling edge of SCLK. When an
output is OFF and not faulted, the corresponding SO data-bit is
a high state. When an output is ON, and there is no fault, the
corresponding data-bit on the SO pin will be a low logic state.
The SI/SO shifting of data follows a first-in-first-out (FIFO)
protocol with both input and output words transferring the MSB
first. Referring to Figure 16, the DO bit is the MSB
corresponding to Output 7 relative to the previous command
word. The SO pin is not affected by the status of the Reset pin.
RST Pin
The 33291 reset (RST) pin is active low. It is used to clear the
SPI Shift register. In doing so, all output switches are set at
OFF. The device situated in the same system with an MCU, the
MCU retains the Reset pin of the device in a logic low state.
Retention ensures all outputs to be OFF until both the VDD and
VPWR pin voltages are adequate for predictable operation.
Retention of the device Reset pin takes place only upon initial
system power up. After the 33291 is reset, the MCU is ready to
assert system control with all output switches initially OFF.
If the VPWR pin of the 33291 experiences a low voltage,
following normal operation, the MCU should pull the Reset pin
low to shutdown the outputs and clear the input data register.
The Reset pin is active low and has an internal pull-down
incorporated, insuring operational predictability should the
external pull-down of the MCU open circuit. The internal pull-
down is only 25 µA, affording safe and easy interfacing to the
MCU. The Reset pin of the 33291 should be pulled to a logic low
state for a duration of at least 250 ns, ensuring reliable a reset.
Figure 15. Power ON Reset
A simple power ON reset delay of the system can be
programmed through the use of an RC network comprised of a
shunt capacitor from the Reset pin to Ground and a resistor to
VDD, illustrated in Figure 15. Care should be exercised ensuring
proper discharge of the capacitor. Careful attention eliminates
adverse delay of the Reset and damage of the MCU if it pulls
the Reset line low, thereby accomplishing initialization for turn
+
VDD
RDLY
CDLY
Reset
20 µA
Reset
MCU
33291L
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33291DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291DWR2 NXP-MC33291DWR2 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results

Mô tả tương tự - MC33291DWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com