công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33291DW bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC33291DW
Giải thích chi tiết về linh kiện  Eight Output Switch with Serial Peripheral Interface I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33291DW bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC33291DW Datasheet HTML 1Page - Motorola, Inc MC33291DW Datasheet HTML 2Page - Motorola, Inc MC33291DW Datasheet HTML 3Page - Motorola, Inc MC33291DW Datasheet HTML 4Page - Motorola, Inc MC33291DW Datasheet HTML 5Page - Motorola, Inc MC33291DW Datasheet HTML 6Page - Motorola, Inc MC33291DW Datasheet HTML 7Page - Motorola, Inc MC33291DW Datasheet HTML 8Page - Motorola, Inc MC33291DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33291
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1OP7
Output 7. This pin provides connection to drain of output MOSFET number seven.
2OP6
Output 6. This pin provides connection to drain of output MOSFET number six.
3SCLK
System Clock. This pin clocks the internal Shift registers of the 33291.
4SI
Serial Input. This pin is for the input of serial instruction data. SI information is read on the falling edge
of SCLK.
5GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
6GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
7GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
8GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
9SO
Serial Output. This pin is the tri-stateable output from the Shift register.
10
CS
Chip Select. Whenever this pin is in a logic low state, data can be transferred from the MCU to the 33291
through the SI pin and from the 33291 to the MCU through the SO pin.
11
OP5
Output 5. This pin provides connection to drain of output MOSFET number five.
12
OP4
Output 4. This pin provides connection to drain of output MOSFET number four.
13
OP3
Output 3. This pin provides connection to drain of output MOSFET number three.
14
OP2
Output 2. This pin provides connection to drain of output MOSFET number two.
15
SFPD
Short Fault Protect Disable. This pin is used to prevent the outputs from latching-OFF because of an
over current condition.
16
VDD
Logic Supply.
17
GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
18
GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
19
GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
20
GND
Ground. This pin provides connection to IC Power Ground and functions as part of heat sinking path.
21
VPWR
Output MOSFET Gate Drive Supply.
22
RST
RESET. This pin is active low. It is used to clear the SPI Shift register, thereby setting all output switches
OFF
.
23
OP1
Output 1. This pin provides connection to drain of output MOSFET number one.
24
OP0
Output 0. This pin provides connection to drain of output MOSFET number zero.
OP 0
GND
GND
GND
GND
VDD
SFPD
OP 2
OP 3
OP 1
RST
VPWR
OP 7
GND
GND
GND
GND
SO
CS
OP 4
OP 6
SCLK
SI
OP 5
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33291DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33291DW FREESCALE-MC33291DW Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DW FREESCALE-MC33291DW Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291DW NXP-MC33291DW Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Mô tả tương tự - MC33291DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com