công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33291DW bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC33291DW
Giải thích chi tiết về linh kiện  Eight Output Switch with Serial Peripheral Interface I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33291DW bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC33291DW Datasheet HTML 2Page - Motorola, Inc MC33291DW Datasheet HTML 3Page - Motorola, Inc MC33291DW Datasheet HTML 4Page - Motorola, Inc MC33291DW Datasheet HTML 5Page - Motorola, Inc MC33291DW Datasheet HTML 6Page - Motorola, Inc MC33291DW Datasheet HTML 7Page - Motorola, Inc MC33291DW Datasheet HTML 8Page - Motorola, Inc MC33291DW Datasheet HTML 9Page - Motorola, Inc MC33291DW Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
33291
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V VDD 5.5V, 9.0V VPWR 16 V, -40°C TA 125°C, unless otherwise noted. Typical
values noted reflect the approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Power Output
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 25°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
0.6
0.55
2.0
1.2
1.0
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 150°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
1.2
1.0
3.0
1.6
1.2
Output Self-Limiting Current
Outputs Programmed ON, VOUT = 0.6 VDD
IOUT(LIM)
1.0
2.0
3.0
A
Output Fault Detect Threshold (Note 18)
Output Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output OFF Open Load Detect Current (Note 19)
Output Programmed OFF, VOUT = 0.6 VDD
IOCO
30
50
100
µA
Output Clamp Voltage
2.0 mA < IOUT < 200 mA
VOK
45
53
65
V
Output Leakage Current (VDD < 2.0 V) (Note 20)
IOUT(LKG)
-25
0
25
µA
Over Temperature Shutdown (Outputs OFF) (Note 21)
TLIM
155
180
°C
Over Temperature Shutdown Hysteresis (Note 21)
TLIM(HYS)
—10
20
°C
Notes:
18.
Output Fault Detect Threshold with outputs programmed OFF. Output fault detect thresholds are the same for output opens and shorts.
19.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an open
load condition when the specific output is commanded to be OFF.
20.
Output leakage current measured with the output OFF and at 16 V.
21.
This parameter is guaranteed by design, but it is not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33291DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33291DW FREESCALE-MC33291DW Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DW FREESCALE-MC33291DW Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291DW NXP-MC33291DW Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33291DWR2 FREESCALE-MC33291DWR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Mô tả tương tự - MC33291DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com