công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1708JE883B bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1708JE883B
Giải thích chi tiết về linh kiện  DUAL NON-INVERTING POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1708JE883B bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1708JE883B Datasheet HTML 1Page - Texas Instruments UC1708JE883B Datasheet HTML 2Page - Texas Instruments UC1708JE883B Datasheet HTML 3Page - Texas Instruments UC1708JE883B Datasheet HTML 4Page - Texas Instruments UC1708JE883B Datasheet HTML 5Page - Texas Instruments UC1708JE883B Datasheet HTML 6Page - Texas Instruments UC1708JE883B Datasheet HTML 7Page - Texas Instruments UC1708JE883B Datasheet HTML 8Page - Texas Instruments UC1708JE883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
Enable
LogicGnd
5.6V
Reg
Thermal
Shutdown
Internal
Bias
Input A
Shutdown
InputB
Output A
PwrGndB
PwrGnd A
V
IN
OutputB
UC1708
UC2708
UC3708
SLUS171C – MARCH 1997 – REVISED SEPTEMBER 2007
www.ti.com
DUAL NON-INVERTING POWER DRIVER
• High-Speed, Power MOSFET Compatible
• 3.0A Peak Current Totem Pole Output
• Efficient High Frequency Operation
• 5 to 35V Operation
• Low Cross-Conduction Current Spike
• 25ns Rise and Fall Times
• Enable and Shutdown Functions
• 25ns Propagation Delays
• Wide Input Voltage Range
• Thermal Shutdown and Under-Voltage
• ESD Protection to 2kV
Protection
The UC1708 family of power drivers is made with a high-speed, high-voltage, Schottky process to interface
control functions and high-power switching devices – particularly power MOSFETs. Operating over a 5 V to 35 V
supply range, these devices contain two independent channels. The A and B inputs are compatible with TTL and
CMOS logic families, but can withstand input voltages as high as VIN. Each output can source or sink up to 3 A
as long as power dissipation limits are not exceeded.
Although each output can be activated independently with its own inputs, they can be forced low in common
through the action of either a digital high signal at the Shutdown terminal or by forcing the Enable terminal low.
The Shutdown terminal will only force the outputs low, it will not effect the behavior of the rest of the device. The
Enable terminal effectively places the device in under-voltage lockout, reducing power consumption by as much
as 90%. During under-voltage and disable (Enable terminal forced low) conditions, the outputs are held in a
self-biasing, low-voltage, state.
The UC3708 and UC2708 are available in plastic 8-pin MINI DIP and 16-pin bat-wing DIP packages for
commercial operation over a 0
°C to 70°C temperature range and industrial temperature range of –25°C to 85°C
respectively. For operation over a –55
°C to 125°C temperature range, the UC1708 is available in hermetically
sealed 8-pin MINI CDIP, 16 pin CDIP and 20 pin CLCC packages. Surface mount devices are also available.
BLOCK DIAGRAM
NOTE: Shutdown feature is not available in J or N packages only.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - UC1708JE883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1708JE883B TI-UC1708JE883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708JE883B TI-UC1708JE883B Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Mô tả tương tự - UC1708JE883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com