công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1826J bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện UC1826J
Giải thích chi tiết về linh kiện  Secondary Side Average Current Mode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1826J bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1826J Datasheet HTML 1Page - Texas Instruments UC1826J Datasheet HTML 2Page - Texas Instruments UC1826J Datasheet HTML 3Page - Texas Instruments UC1826J Datasheet HTML 4Page - Texas Instruments UC1826J Datasheet HTML 5Page - Texas Instruments UC1826J Datasheet HTML 6Page - Texas Instruments UC1826J Datasheet HTML 7Page - Texas Instruments UC1826J Datasheet HTML 8Page - Texas Instruments UC1826J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UC1826
UC2826
UC3826
DESCRIPTION
The UC1826 family of average current mode controllers accurately accom-
plishes secondary side average current mode control. The secondary side
output voltage is regulated by sensing the output voltage and differentially
sensing the AC switching current. The sensed output voltage drives a volt-
age error amplifier. The AC switching current, monitored by a current sense
resistor, drives a high bandwidth, low offset current error amplifier. The out-
put of the voltage error amplifier can be used to drive the current amplifier
which filters the measured inductor current. Fast transient response is ac-
complished by utilizing voltage feedforward in generating the PWM ramp.
The UC1826 features load share, oscillator synchronization, undervoltage
lockout, and programmable output control. Multiple chip operation can be
achieved by connecting up to ten UC1826 chips in parallel. The SHARE
bus and CLKSYN bus provide load sharing and synchronization to the fast-
est oscillator respectively. With its tailored bandwidth, the UC1826 provides
excellent noise immunity and is an ideal controller to achieve high power,
secondary side average current mode control.
Secondary Side Average Current Mode Controller
FEATURES
Practical Secondary Side Control of
Isolated Power Supplies
1MHz Operation
Tailored Loop Bandwidth Provides
Excellent Noise Immunity
Voltage Feedforward Provides
Superior Transient Response
Accurate Programmable Maximum
Duty Cycle
Multiple Chips Can be Synchronized
to Fastest Oscillator
Wide Gain Bandwidth Product
(70MHz, Acl>10) Current Error
Amplifier
Up to Ten Devices Can Easily Share
a Common Load
SLUS331 - JULY 1995
BLOCK DIAGRAM
UDG-95013
Pin Numbers refer to 24-pin packages.


Số phần tương tự - UC1826J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Mô tả tương tự - UC1826J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com