công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1826 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện UC1826
Giải thích chi tiết về linh kiện  Secondary Side Average Current Mode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1826 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button UC1826_08 Datasheet HTML 3Page - Texas Instruments UC1826_08 Datasheet HTML 4Page - Texas Instruments UC1826_08 Datasheet HTML 5Page - Texas Instruments UC1826_08 Datasheet HTML 6Page - Texas Instruments UC1826_08 Datasheet HTML 7Page - Texas Instruments UC1826_08 Datasheet HTML 8Page - Texas Instruments UC1826_08 Datasheet HTML 9Page - Texas Instruments UC1826_08 Datasheet HTML 10Page - Texas Instruments UC1826_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
UC1826
UC2826
UC3826
positive sense voltage (VSP) connects to the voltage er-
ror amplifier inverting terminal (VA–), the return lead for
the on-chip reference is used as the negative sense
(VSM). The current is sensed across the shunt resistor,
RS. The voltage across the shunt resistor is level shifted
up so that the maximum voltage across RS corresponds
to the voltage error amplifier Voh.
Figure 4 shows one recommended voltage and current
sensing scheme when VEE is connected to GND. The
signal ground is the negative sense point for the output
voltage and the positive sense point for the output cur-
rent. VEE is the negative supply for the current sense
amplifier. When it is separated from GND, it extends the
current sense amplifier’s common mode input voltage
range to include VEE which is approximately –0.7V be-
low ground. The resistor RADJ is used for load sharing.
The unit which is the master will force VADJ to 1.0V.
Therefore, the regulated voltage being sensed is actually
VSP
VSM
VREF
V
R
RR
V
ADJ
ADJ
ADJ
ADJ
(
)
=•
+
 +
1
()
VSM
V V
V master VREF
V
ADJ
==
=
01
5
,,
VSP
R
RR
V
ADJ
ADJ
=•
+
 +
4
1
1
The voltage at ADJ on the slave chips will increase forc-
ing their load currents to increase to match the master.
The AC frequency response of the voltage error amplifier
is shown in Figure 5.
Startup and Shutdown: Isolated power up can be ac-
complished using the UCC1889. Application Note U-149
is available for additional information.
The UC1826 offers several features that enhance startup
and shutdown. Soft start is accomplished by connecting
RUN to VA+ and a capacitor to ground. The resulting RC
rise time on the VA+ pin initiates a soft start. It can also
be accomplished by connecting RUN to ILIM. When RUN
is low it will command zero load current, guaranteeing a
soft start. The undervoltage lockout (UVLO) is a logical
AND of ENBL < 2.5V, SEQ > 2.5V, VCC > 8.4V and
CIRCUIT BLOCK DESCRIPTION (cont.)
Figure 3. Oscillator Synchronization Connection
Diagram
Figure 4. Voltage and Current Sense VEE Tied to
GND
∅ ≈
m
Figure 5. AC Frequency Response of the Voltage
Error Amplifier
UDG-95016
UDG-95015


Số phần tương tự - UC1826_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Mô tả tương tự - UC1826_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com