công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33364D1R2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33364D1R2
Giải thích chi tiết về linh kiện  Critical Conduction GreenLine SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364D1R2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33364D1R2 Datasheet HTML 1Page - ON Semiconductor MC33364D1R2 Datasheet HTML 2Page - ON Semiconductor MC33364D1R2 Datasheet HTML 3Page - ON Semiconductor MC33364D1R2 Datasheet HTML 4Page - ON Semiconductor MC33364D1R2 Datasheet HTML 5Page - ON Semiconductor MC33364D1R2 Datasheet HTML 6Page - ON Semiconductor MC33364D1R2 Datasheet HTML 7Page - ON Semiconductor MC33364D1R2 Datasheet HTML 8Page - ON Semiconductor MC33364D1R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 Semiconductor Components Industries, LLC, 2010
November, 2010 -- Rev. 18
1
Publication Order Number:
MC33364/D
MC33364
Critical Conduction
GreenLinet SMPS
Controller
The MC33364 series are variable frequency SMPS controllers that
operate in the critical conduction mode. They are optimized for high
density power supplies requiring minimum board area, reduced
component count, and low power dissipation. Integration of the high
voltage startup saves approximately 0.7 W of power compared to the
value of the resistor bootstrapped circuits.
Each MC33364 features an on--board reference, UVLO function, a
watchdog timer to initiate output switching, a zero current detector to
ensure critical conduction operation, a current sensing comparator,
leading edge blanking, a CMOS driver and cycle--by--cycle current
limiting.
The MC33364D1 has an internal 126 kHz frequency clamp. The
MC33364D2 is available without an internal frequency clamp. The
MC33364D has an internal 126 kHz frequency clamp which is pinned
out, so that the designer can adjust the clamp frequency by connecting
appropriate values of resistance.
Features
Lossless Off--Line Startup
Leading Edge Blanking for Noise Immunity
Watchdog Timer to Initiate Switching
Operating Temperature Range --25C to +125C
Shutdown Capability
Over Temperature Protection
Optional/Adjustable Frequency Clamp to Limit EMI
This is a Pb--Free and Halide--Free Device
ORDERING INFORMATION
Device
Package
Shipping
MC33364D1G
SO--8
(Pb--Free)
96 Units / Rail
MC33364D1R2G
2500 Units / Tape & Reel
MC33364D2G
96 Units / Rail
MC33364D2R2G
2500 Units / Tape & Reel
MC33364DG
SO--16
(Pb--Free)
48 Units / Rail
MC33364DR2G
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation
and tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SO--16
D SUFFIX
CASE 751K
SO--8
D1, D2 SUFFIX
CASE 751
16
1
8
1
PIN CONNECTIONS
MC33364D1
MC33364D2
MC33364D
18
7
6
5
2
3
4
(Top View)
Zero Current
Current Sense
Voltage FB
Line
Vref
GND
Gate Drive
VCC
116
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
Zero Current
N/C
Current Sense
Vref
N/C
Freq Clamp
Line
AGND
Voltage FB
N/C
PGND
Gate Drive
Vcc
N/C
MARKING
DIAGRAMS
http://onsemi.com
MC33364D
AWLYWWG
1
16
M64Dx
ALYW
G
1
8
x= 1 or 2
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W, WW = Work Week
Gor G
= Pb--Free Package


Số phần tương tự - MC33364D1R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364D1R2 ONSEMI-MC33364D1R2 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1R2G ONSEMI-MC33364D1R2G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1R2G ONSEMI-MC33364D1R2G Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
More results

Mô tả tương tự - MC33364D1R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com