công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU15-4421R3BL bảng dữ liệu(PDF) 1 Page - Coilcraft lnc.

tên linh kiện BU15-4421R3BL
Giải thích chi tiết về linh kiện  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COILCRAFT [Coilcraft lnc.]
Trang chủ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU15-4421R3BL bảng dữ liệu(HTML) 1 Page - Coilcraft lnc.

  BU15-4421R3BL Datasheet HTML 1Page - Coilcraft lnc. BU15-4421R3BL Datasheet HTML 2Page - Coilcraft lnc. BU15-4421R3BL Datasheet HTML 3Page - Coilcraft lnc. BU15-4421R3BL Datasheet HTML 4Page - Coilcraft lnc. BU15-4421R3BL Datasheet HTML 5Page - Coilcraft lnc. BU15-4421R3BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-1
Document 260-1 Revised 08/06/13
Common Mode Chokes – BU Series
These low cost, high performance choke coils are de-
signed to virtually eliminate line conducted common
mode noise.
The BU9S and BU9HS families are ideal for signal line
applications; the others can be used in switching power
supplies and power supply circuits. All provide significant
attenuation of common mode noise across a broad range
of frequencies.
For height-restricted applications, the BU9 and BU9S
filters are available in a horizontal configuration, which
reduces their height to under half an inch (12.5 mm).
For free evaluation samples, contact Coilcraft or request
them on-line at
www.coilcraft.com.
Core material Ferrite
Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost.
Weight BU9: 3.1 – 4.1 g
BU9H: 3.1 – 4.1 g
BU9HS: 3.1 – 3.8 g
BU9S: 3.1 – 3.8 g
BU10: 6.3 – 6.9 g
BU15: 14.6 – 16.1 g
BU16: 15.1 – 18.0 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging BU9: 100 per tray
BU9H: 100 per tray
BU9HS: 100 per tray
BU9S: 100 per tray
BU10: 100 per tray
BU15: 80 per tray
BU16: 80 per tray
PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf.


Số phần tương tự - BU15-4421R3BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BU1506 PHILIPS-BU1506 Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.300
logo
Vishay Siliconix
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
153Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1506-E3 VISHAY-BU1506-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1506-E3/45 VISHAY-BU1506-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
More results

Mô tả tương tự - BU15-4421R3BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com