công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ31520RLGT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ31520RLGT
Giải thích chi tiết về linh kiện  20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31520RLGT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ31520RLGT Datasheet HTML 5Page - Texas Instruments LMZ31520RLGT Datasheet HTML 6Page - Texas Instruments LMZ31520RLGT Datasheet HTML 7Page - Texas Instruments LMZ31520RLGT Datasheet HTML 8Page - Texas Instruments LMZ31520RLGT Datasheet HTML 9Page - Texas Instruments LMZ31520RLGT Datasheet HTML 10Page - Texas Instruments LMZ31520RLGT Datasheet HTML 11Page - Texas Instruments LMZ31520RLGT Datasheet HTML 12Page - Texas Instruments LMZ31520RLGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Output Current (A)
All Output Voltages
C001
Airflow = 100 LFM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
4
8
12
16
20
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C004
20
30
40
50
60
70
80
90
0
4
8
12
16
20
Output Current (A)
9R”9IVZ N+]
Vo = 3.3V, fsw = 500kHz
C001
Airflow = 0 LFM
30
40
50
60
70
80
90
100
0
4
8
12
16
20
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C001
5
15
25
35
45
55
0
4
8
12
16
20
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C004
LMZ31520
www.ti.com
SLVSBM9B – OCTOBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (PVIN = VIN = 12 V) (1) (2)
Figure 1. Efficiency vs. Output Current
Figure 2. Voltage Ripple vs. Output Current
Figure 3. Power Dissipation vs. Output Current
Figure 4. Safe Operating Area (0 LFM)
Figure 5. Safe Operating Area (100 LFM)
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm six-layer PCB with 1 oz. copper.
Applies to Figure 4 and Figure 5.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ31520


Số phần tương tự - LMZ31520RLGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

Mô tả tương tự - LMZ31520RLGT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com