công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ21701SILT bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ21701SILT
Giải thích chi tiết về linh kiện  LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ21701SILT bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMZ21701SILT Datasheet HTML 4Page - Texas Instruments LMZ21701SILT Datasheet HTML 5Page - Texas Instruments LMZ21701SILT Datasheet HTML 6Page - Texas Instruments LMZ21701SILT Datasheet HTML 7Page - Texas Instruments LMZ21701SILT Datasheet HTML 8Page - Texas Instruments LMZ21701SILT Datasheet HTML 9Page - Texas Instruments LMZ21701SILT Datasheet HTML 10Page - Texas Instruments LMZ21701SILT Datasheet HTML 11Page - Texas Instruments LMZ21701SILT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CONTROL LOGIC
2.2µH
HIGH SIDE
CURRENT
LIMIT
LOW SIDE
CURRENT
LIMIT
UVLO
VREF
+
-
tON TIMER
DIRECT CONTROL
&
COMPENSATION
ERROR
AMPLIFIER
COMPARATOR
6.6V
CLAMP
FB
VOS
PG
VOUT
VIN
EN
SS
GND
400k
Ÿ
SOFTSTART
CURRENT AND
TRACKING
5V LDO
THERMAL
SHUTDOWN
LDO
BYPASS
HIGH SIDE
SWITCH
LOW SIDE
SWITCH
INDUCTOR
25pF
ZERO
CURRENT
DETECT
LOW SIDE
DRIVER
HIGH SIDE DRIVER
WITH INTERNAL BOOTSTRAP
CFF
LMZ21701
SNVS853D – AUGUST 2012 – REVISED NOVEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LMZ21701 SIMPLE SWITCHER® Nano Module is an easy-to-use step-down DC-DC solution capable of
driving up to 1000 mA load in space-constrained applications. Only an input capacitor, an output capacitor, a
softstart capacitor, and two resistors are required for basic operation. The Nano Module comes in 8-pin DFN
footprint package with an integrated inductor. The LMZ21701 architecture is based on DCS-Control™ (Direct
Control with Seamless Transition into Power Save Mode). This architecture combines the fast transient response
and stability of hysteretic type converters along with the accurate DC output regulation of voltage mode and
current mode regulators.
The LMZ21701 architecture uses Pulse Width Modulation (PWM) mode for medium and heavy load requirements
and Power Save Mode (PSM) at light loads for high efficiency. In PWM mode the switching frequency is
controlled over the input voltage range. The value depends on the output voltage setting and is typically reduced
at low output voltages to achieve higher efficiency. In PSM the switching frequency decreases linearly with the
load current. Since the architecture of the device supports both operation modes (PWM and PSM) in a single
circuit building block, the transition between the modes of operation is seamless with minimal effect on the output
voltage.
8.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMZ21701


Số phần tương tự - LMZ21701SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Mô tả tương tự - LMZ21701SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com