công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ21700SILT bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ21700SILT
Giải thích chi tiết về linh kiện  LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ21700SILT bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZ21700SILT Datasheet HTML 6Page - Texas Instruments LMZ21700SILT Datasheet HTML 7Page - Texas Instruments LMZ21700SILT Datasheet HTML 8Page - Texas Instruments LMZ21700SILT Datasheet HTML 9Page - Texas Instruments LMZ21700SILT Datasheet HTML 10Page - Texas Instruments LMZ21700SILT Datasheet HTML 11Page - Texas Instruments LMZ21700SILT Datasheet HTML 12Page - Texas Instruments LMZ21700SILT Datasheet HTML 13Page - Texas Instruments LMZ21700SILT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LMZ21700
SNVS872C – AUGUST 2012 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
8.4.2 Enable Input (EN)
The enable pin (EN) is weakly pulled down internally through a 400 k
Ω resistor to keep EN logic low when the
pin is floating. The pull-down resistor is not connected when EN is set high. Once the voltage on the enable pin
(EN) is set high the Nano Module will start operation. If EN is set low ( < 0.3 V ) the LMZ21700 will enter
shutdown mode. The typical shutdown quiescent current is 1.5
μA.
8.4.3 Softstart and Tracking Function (SS)
When EN is set high for device operation the LMZ21700 will start switching after 50
μs delay and the output
voltage will start rising. The VOUT rising slope is controlled by the external capacitor CSS connected to the
softstart (SS) pin. The nano module has a 2.5
μA constant current source internally connected to the SS pin to
program the softstart time TSS:
TSS = CSS x 1.25 V / 2.5 μA
(1)
The softstart capacitor voltage is reset to zero volts when EN is pulled low and when the thermal protection is
active.
If tracking function is desired, the SS pin can be used to track external voltage. If the applied external tracking
voltage is between 100 mV and 1.2 V, the FB voltage will follow SS according to the following relationship:
VFB = 0.64 x VSS
(2)
8.4.4 Power Good Function (PG)
The LMZ21700 features a Power Good (PG) function which can be used for sequencing of multiple rails. The PG
pin is an open-drain output and requires a pull-up resistor RPG to VOUT (or any other external voltage less than 7
V). When the Nano Module is enabled and UVLO is satisfied, the power good function starts monitoring the
output voltage. The PG pin is kept at logic low if the output has not reached the proper regulation voltage. Refer
to the Electrical Characteristics table for the PG voltage thresholds. The PG pin can sink 2 mA of current which
sets the minimum limit of the RPG resistance value:
RPG-MIN= VPULL-UP / 2 mA
(3)
The PG pin goes low impedance if the device is disabled or the thermal protection is active.
8.4.5 Output Voltage Setting
The output voltage of the LMZ21700 is set by a resistive divider from VOUT to GND, connected to the feedback
(FB) pin. The output voltage can be set between 0.9 V and 6 V. The voltage at the FB pin is regulated to 0.8 V.
The recommended minimum divider current is 2
μA. This sets a maximum limit on the bottom feedback resistor
RFBB. Its value should not exceed 400 kΩ. The top feedback resistor RFBT can be calculated using the following
formula:
RFBT = RFBB x (VOUT/ 0.8 – 1)
(4)
8.4.6 Output Current Limit and Output Short Circuit Protection
The LMZ21700 has integrated protection against heavy loads and output short circuit events. Both, the high-side
FET and low-side FET have current monitoring circuitry. If the current limit threshold of the high-side FET is
reached , the high-side FET will be turned off and the low-side FET will be turned on to ramp down the inductor
current. Once the current through the low-side FET has decreased below a safe level, the high-side device will
be allowed to turn on again. The actual DC output current depends on the input voltage, output voltage, and
switching frequency. Refer to the Application Curves section for more information.
8.4.7 Thermal Protection
The nano module monitors its junction temperature (Tj) and shuts itself off if the it gets too hot. The thermal
shutdown threshold for the junction is typically 160 °C. Both, high-side and low-side FETs are turned off until the
junction temperature has decreased under the hysteresis level, typically 30 °C below the shutdown temperature.
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMZ21700


Số phần tương tự - LMZ21700SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Mô tả tương tự - LMZ21700SILT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com