công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ21701 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ21701
Giải thích chi tiết về linh kiện  LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ21701 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMZ21701 Datasheet HTML 7Page - Texas Instruments LMZ21701 Datasheet HTML 8Page - Texas Instruments LMZ21701 Datasheet HTML 9Page - Texas Instruments LMZ21701 Datasheet HTML 10Page - Texas Instruments LMZ21701 Datasheet HTML 11Page - Texas Instruments LMZ21701 Datasheet HTML 12Page - Texas Instruments LMZ21701 Datasheet HTML 13Page - Texas Instruments LMZ21701 Datasheet HTML 14Page - Texas Instruments LMZ21701 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CIN
22µF
_ 25V
X7R or X5R
CSS
3300pF
_10V
X7R or X5R
COUT
22µF
_ 10V
X7R or X5R
RPG
10k
1%
RFBT
41.2k
1%
RFBB
82.5k
1%
COMPONENT VALUES FOR VOUT=1.2V
VIN
EN
GND
SS
LMZ21701
CIN
CSS
VOUT
PG
FB
VOS
COUT
RPG
RFBT
RFBB
VIN
VOUT
LMZ21701
www.ti.com
SNVS853D – AUGUST 2012 – REVISED NOVEMBER 2014
Feature Description (continued)
8.4.7 Thermal Protection
The nano module monitors its junction temperature (Tj) and shuts itself off if the it gets too hot. The thermal
shutdown threshold for the junction is typically 160 °C. Both, high-side and low-side FETs are turned off until the
junction temperature has decreased under the hysteresis level, typically 30 °C below the shutdown temperature.
8.5 Device Functional Modes
8.5.1 PWM Mode Operation
The LMZ21701 operates in PWM mode when the output current is greater than half the inductor ripple current.
The frequency variation in PWM mode is controlled and depends on the VIN and VOUT settings. Refer to the
Application Curves section for switching frequency graphs for several typical output voltage settings. As the load
current is decreased and the valley of the inductor current ripple reaches 0 A the device enters PSM operation to
maintain high efficiency.
8.5.2 PSM Operation
Once the load current decreases and the valley of the inductor current reaches 0 A, the LMZ21701 will transition
to Power Save Mode of operation. The device will remain in PSM as long as the inductor current is
discontinuous. The switching frequency will decrease linearly with the load current. If VIN decreases to about
15 % above VOUT the device will not enter PSM and will maintain output regulation in PWM mode.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMZ21701 is a step down DC-to-DC converter. It is used to convert higher DC voltage to a regulated lower
DC voltage with maximum load current of 1 A. The following design procedure can be used to select components
for the LMZ21701. Alternatively, the WEBENCH® software can be used to select from a large database of
components, run electrical simulations, and optimize the design for specific performance. Please go to
webench.ti.com to access the WEBENCH® tool.
9.2 Typical Application
For a quick start, the following component values can be used as a design starting point for several typical output
voltage rails and 1 A of output load current.
Figure 14. Typical Applications Circuit
Figure 15. External Component Values
( VOUT = 1.2 V )
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ21701


Số phần tương tự - LMZ21701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Mô tả tương tự - LMZ21701

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com