công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ21700SILR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ21700SILR
Giải thích chi tiết về linh kiện  LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ21700SILR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ21700SILR Datasheet HTML 1Page - Texas Instruments LMZ21700SILR Datasheet HTML 2Page - Texas Instruments LMZ21700SILR Datasheet HTML 3Page - Texas Instruments LMZ21700SILR Datasheet HTML 4Page - Texas Instruments LMZ21700SILR Datasheet HTML 5Page - Texas Instruments LMZ21700SILR Datasheet HTML 6Page - Texas Instruments LMZ21700SILR Datasheet HTML 7Page - Texas Instruments LMZ21700SILR Datasheet HTML 8Page - Texas Instruments LMZ21700SILR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LMZ21700
www.ti.com
SNVS872C – AUGUST 2012 – REVISED NOVEMBER 2014
7.5 Electrical Characteristics
(1)
Limits apply over the recommended operating junction temperature (TJ) range of -40 °C to +125 °C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25 °C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
IQ
Operating quiescent current
EN = high, IOUT= 0 mA, TJ = -40°C to
85°C
17
25
μA
device not switching
EN = high, IOUT= 0 mA, TJ = -40°C to
125°C
17
28
μA
device not switching
ISD
Shutdown current
EN = low, TJ = -40 °C to 85 °C
1.5
4
μA
EN = low, TJ = -40 °C to 125 °C
1.5
5
μA
VINUVLO
Input under voltage lock out
2.8
2.9
3
V
rising threshold
VINUVLO-HYS
Input under voltage lock out
0.125
0.180
0.260
V
hysteresis
TSD
Thermal shutdown
Rising Threshold
160
°C
TSD-HYST
Thermal shutdown hysteresis
30
°C
CONTROL
VIH, ENABLE
Enable logic HIGH voltage
0.9
V
VIL, ENABLE
Enable logic LOW voltage
0.3
V
ILKG
Input leakage current
EN = VIN or GND
0.01
1
μA
VTH_PG
Power Good threshold voltage
Rising (% VOUT)
92 %
95 %
98 %
Falling (% VOUT)
87 %
90 %
93 %
VOL_PG
Power Good output low voltage
IPG = -2 mA
0.07
0.3
V
ILKG_PG
Power Good leakage current
VPG = 1.8 V
1
400
nA
ISS
Softstart Pin source current
2.2
2.5
2.8
μA
POWER STAGE
RDS(ON)
High-Side MOSFET ON
VIN ≥ 6 V
82
m
Resistance
VIN = 3 V
120
Low-Side MOSFET ON
VIN ≥ 6 V
40
m
Resistance
VIN = 3 V
50
L
Integrated power inductor value
2.2
μH
DCR
Integrated power inductor DC
92
m
resistance
ICL-HS
High-Side MOSFET Current Limit TA = 25 °C
1.2
1.5
1.9
A
ICL-LS
Low-Side MOSFET Current Limit
TA = 25 °C
0.9
A
ICL-DC
Output (DC) current limit
VOUT = 5.0 V, TA = 85 °C
0.95
A
OUTPUT
VREF
Internal reference voltage
0.7869
0.803
0.8191
V
IFB
Feedback pin leakage current
VFB = 0.8V
1
100
nA
VOUT
Light load initial voltage accuracy
Power save mode, COUT = 22 µF,
TA= -40 °C to 85 °C, 1% FB
-2.3 %
2.8 %
Resistors
VOUT
Load regulation
VOUT = 3.3 V
0.05 %
/ A
PWM mode operation
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ21700


Số phần tương tự - LMZ21700SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Mô tả tương tự - LMZ21700SILR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com