công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV981IDBVRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMV981IDBVRG4
Giải thích chi tiết về linh kiện  LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV981IDBVRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMV981IDBVRG4 Datasheet HTML 1Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 2Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 3Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 4Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 5Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 6Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 7Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 8Page - Texas Instruments LMV981IDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LMV981 SINGLE, LMV982 DUAL
1.8-V OPERATIONAL AMPLIFIERS
WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
SLOS440H − AUGUST 2004 − REVISED JULY 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 1.8-V, 2.7-V, and 5-V Specifications
D Rail-to-Rail Output Swing
− 600-
Ω Load ...80 mV From Rail
− 2-k
Ω Load ...30 mV From Rail
D V
ICR ...200 mV Beyond Rails
D Gain Bandwidth ...1.4 MHz
D Supply Current . . . 100 µA/Amplifier
D Max V
IO ...4 mV
D Turn-On Time From Shutdown . . . 8.4 µs
D Space-Saving Packages
− LMV981: SOT-23-6, SC-70, and QFN
− LMV982: MSOP and VSSOP
D Applications
− Industrial (Utility/Energy Metering)
− Automotive
− Communications (Optical Telecom,
Data/Voice Cable Modems)
− Consumer Electronics (PDAs, PCs,
CDR/W, Portable Audio)
− Supply-Current Monitoring
− Battery Monitoring
description/ordering information
The LMV981 and LMV982 devices are low-voltage, low-power operational amplifiers that are well suited for
today’s low-voltage and/or portable applications. Specified for operation of 1.8 V to 5 V, they can be used in
portable applications that are powered from a single-cell Li-ion or two-cell batteries. They have rail-to-rail input
and output capability for maximum signal swings in low-voltage applications. The LMV98x input common-mode
voltage extends 200 mV beyond the rails for increased flexibility. The output can swing rail-to-rail unloaded and
typically can reach 80 mV from the rails, while driving a 600-
Ω load (at 1.8-V operation).
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING§
QFN (RUG)
Reel of 3000
LMV981IRUGR
R7
SOT 23 (DBV)
Reel of 3000
LMV981IDBVR
RBA_
Single
SOT-23 (DBV)
Reel of 250
LMV981IDBVT
PREVIEW
−40
°C to 125°C
Single
SC 70 (DCK)
Reel of 3000
LMV981IDCKR
R7_
40 C to 125 C
SC-70 (DCK)
Reel of 250
LMV981IDCKT
PREVIEW
Dual
MSOP/VSSOP (DGS)
Reel of 2500
LMV982IDGSR
RCB
Dual
MSOP/VSSOP (DGS)
Reel of 250
LMV982IDGST
RCB
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
§ DBV/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright
 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LMV981 . . . DBV (SOT23-6) OR DCK (SC-70) PACKAGE
(TOP VIEW)
LMV982 . . . DGS (VSSOP/MSOP) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
IN+
VCC−/GND
IN−
VCC+
SHDN
OUT
1
2
3
4
5
10
9
8
7
6
OUTA
−INA
+INA
VCC−/GND
SHDNA
VCC+
OUTB
−INB
+INB
SHDNB
LMV981 . . . RUG (QFN) PACKAGE
(TOP VIEW)
NC
NC
NC − No internal connection
IN−
IN+
VCC−/GND
OUT
SHDN
VCC+
1
2
3
4
5
7
8
6
Not Recommended for New Designs


Số phần tương tự - LMV981IDBVRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV981IDBVR TI-LMV981IDBVR Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV981IDBVRE4 TI-LMV981IDBVRE4 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
More results

Mô tả tương tự - LMV981IDBVRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com