công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1454ACDBR bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL1454ACDBR
Giải thích chi tiết về linh kiện  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454ACDBR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TL1454ACDBR Datasheet HTML 6Page - Texas Instruments TL1454ACDBR Datasheet HTML 7Page - Texas Instruments TL1454ACDBR Datasheet HTML 8Page - Texas Instruments TL1454ACDBR Datasheet HTML 9Page - Texas Instruments TL1454ACDBR Datasheet HTML 10Page - Texas Instruments TL1454ACDBR Datasheet HTML 11Page - Texas Instruments TL1454ACDBR Datasheet HTML 12Page - Texas Instruments TL1454ACDBR Datasheet HTML 13Page - Texas Instruments TL1454ACDBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 500 kHz (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TL1454A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(stby)
Standby supply current
RT open,
CT = 1.5 V, No load,
VO (COMP1, COMP2) = 1.25 V,
3.1
6
mA
ICC(average)
Average supply current
RT = 10 kΩ,
50% duty cycle,
CT = 120 pF,
Outputs open
3.5
7
mA
electrical characteristics, VCC = 6 V, fosc = 500 kHz, TA = 25°C (unless otherwise noted)
reference
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Output voltage, REF
IO = 1 mA
1.26
V
Input regulation
VOC = 3.6 V to 20 V,
IO = 1 mA
2
mV
Output regulation
IO = 0.1 mA to 1 mA
1
mV
Output voltage change with temperature
IO = 1 mA
− 1.25
mV
Output voltage change with temperature
IO = 1 mA
−2.5
mV
IOS
Short-circuit output current
Vref = 0 V
30
mA
undervoltage lockout (UVLO)
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT +
Positive-going threshold voltage
2.9
V
VIT −
Negative-going threshold voltage
2.7
V
Vhys
Hysteresis, VIT + − VIT −
200
mV
short-circuit protection (SCP)
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
1
V
Vstby†
Standby voltage
No pullup
185
mV
VI(latched)
Latched-mode input voltage
No pullup
60
mV
VIT(COMP)
Comparator threshold voltage
COMP1, COMP2
1
V
Input source current
VO(SCP) = 0
−15
µA
† This symbol is not presently listed within EIA / JEDEC standards for semiconductor symbology.
oscillator
PARAMETER
TEST CONDITIONS
TL1454AY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
CT = 120 pF,
RT = 10 kΩ
500
kHz
Standard deviation of frequency
50
kHz
Frequency change with voltage
VCC = 3.6 V to 20 V
10
kHz
Frequency change with temperature
TA = TA(min) to 25
°C
−2
kHz
Frequency change with temperature
TA = 25
°C to 85°C
−10
kHz
Maximum ramp voltage
1.8
V
Minimum ramp voltage
1.1
V


Số phần tương tự - TL1454ACDBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1454ACDBR TI-TL1454ACDBR Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Mô tả tương tự - TL1454ACDBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com