công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1963A bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TL1963A
Giải thích chi tiết về linh kiện  1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TL1963A_16 Datasheet HTML 1Page - Texas Instruments TL1963A_16 Datasheet HTML 2Page - Texas Instruments TL1963A_16 Datasheet HTML 3Page - Texas Instruments TL1963A_16 Datasheet HTML 4Page - Texas Instruments TL1963A_16 Datasheet HTML 5Page - Texas Instruments TL1963A_16 Datasheet HTML 6Page - Texas Instruments TL1963A_16 Datasheet HTML 7Page - Texas Instruments TL1963A_16 Datasheet HTML 8Page - Texas Instruments TL1963A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TL1963A, TL1963A-15, TL1963A-18, TL1963A-25, TL1963A-33
SLVS719G – JUNE 2008 – REVISED JANUARY 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCQ
DCY
KTT
Adjust. For the adjustable TL1963A, this is the input to the error amplifier. This pin is clamped
ADJ
5
5
I
internally to ±7 V. It has a bias current of 3
μA that flows into the pin. The ADJ pin voltage is
1.21 V referenced to ground, and the output voltage range is 1.21 V to 20 V.
GND
3, 6
2, 4
3
Ground
Input. Power is supplied to the device through the IN pin. A bypass capacitor is required on
this pin if the device is more than six inches away from the main input filter capacitor. In
general, the output impedance of a battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass capacitor (ceramic) in the range of
IN
2
1
2
I
1
μF to 10 μF is sufficient. The TL1963A-xx regulators are designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT pin. In the case of a reverse input,
which can happen if a battery is plugged in backwards, the device acts as if there is a diode in
series with its input. There is no reverse-current flow into the regulator, and no reverse
voltage appears at the load. The device protects both itself and the load.
Output. The output supplies power to the load. A minimum output capacitor (ceramic) of
OUT
4
3
4
O
10
μF is required to prevent oscillations. Larger output capacitors are required for applications
with large transient loads to limit peak voltage transients.
Sense. For fixed voltage versions of the TL1963A-xx (TL1963A-1.5, TL1963A-1.8, TL1963A-
2.5, and TL1963A-3.3), the SENSE pin is the input to the error amplifier. Optimum regulation
is obtained at the point where the SENSE pin is connected to the OUT pin of the regulator. In
critical applications, small voltage drops are caused by the resistance (RP) of PC traces
between the regulator and the load. These may be eliminated by connecting the SENSE pin
SENSE
5
5
I
to the output at the load as shown in Figure 32. Note that the voltage drop across the external
PCB traces adds to the dropout voltage of the regulator. The SENSE pin bias current is 600
μA at the rated output voltage. The SENSE pin can be pulled below ground (as in a dual
supply system in which the regulator load is returned to a negative supply) and still allow the
device to start and operate.
Shutdown. The SHDN pin is used to put the TL1963A-xx regulators into a low-power
shutdown state. The output is off when the SHDN pin is pulled low. The SHDN pin can be
driven either by 5-V logic or open-collector logic with a pullup resistor. The pullup resistor is
SHDN
1
1
I
required to supply the pullup current of the open-collector gate, normally several
microamperes, and the SHDN pin current, typically 3
μA. If unused, the SHDN pin must be
connected to VIN. The device is in the low-power shutdown state if the SHDN pin is not
connected.
Thermal
For the KTT package, the exposed thermal pad is connected to ground and must be soldered
Pad
to the PCB for rated thermal performance.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TL1963A TL1963A-15 TL1963A-18 TL1963A-25 TL1963A-33


Số phần tương tự - TL1963A_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-15 TI-TL1963A-15 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI-TL1963A-15 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI-TL1963A-15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-15DCQR TI-TL1963A-15DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCQR TI-TL1963A-15DCQR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Mô tả tương tự - TL1963A_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com