công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16PNP100AFN bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TL16PNP100AFN
Giải thích chi tiết về linh kiện  STANDALONE PLUG-AND-PLAY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP100AFN bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TL16PNP100AFN Datasheet HTML 1Page - Texas Instruments TL16PNP100AFN Datasheet HTML 2Page - Texas Instruments TL16PNP100AFN Datasheet HTML 3Page - Texas Instruments TL16PNP100AFN Datasheet HTML 4Page - Texas Instruments TL16PNP100AFN Datasheet HTML 5Page - Texas Instruments TL16PNP100AFN Datasheet HTML 6Page - Texas Instruments TL16PNP100AFN Datasheet HTML 7Page - Texas Instruments TL16PNP100AFN Datasheet HTML 8Page - Texas Instruments TL16PNP100AFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D PnP Card Autoconfiguration Sequence
Compliant
D Supports Two Logical Devices
D Decodes 10-Bit I/O Address Location With
Programmable 1-, 2-, 4-, 8-, 16-Byte Block
Size
D Maps Interrupts to Six Interrupt Outputs
IRQ3 – IRQ7 and IRQ9
D Provides Simple 3-Terminal Interface to
SGS-Thomson EEPROM 2K/4K ST93C56/66
or Equivalent
D 3-State Output EEPROM Interface Allows
the EEPROM to be Accessed by Another
Controller
D Provides Direct Connection to ISA/AT Bus
D Data and Interrupt Signals Require No
Buffer
D Available in 44-Pin Plastic Leaded Chip
Carrier (PLCC) and 48-Pin TQFP Package
description
The TL16PNP100A responds to the plug-and-
play
(PnP)
autoconfiguration
process.
The
process puts all PnP cards in a configuration
mode, isolates one PnP card at a time, assigns a
card-select number (CSN), and reads the card
resource-data structure from the ST93C56/66
EEPROM. After the resource requirements and
capabilities are determined for all cards, the
process uses the CSN to configure the card by
writing
to
the
configuration
registers.
The
TL16PNP100A implements configuration regis-
ters only for I/O applications with two logical
devices, and DMA application support is not
provided. Finally, the process activates the
TL16PNP100A
card
and
removes
it
from
configuration
mode.
After
the
configuration
process, the logic function can then start
responding to industry standard architecture
(ISA) bus cycles. The controller disables the
EEPROM interface after the configuration is
complete to allow another on-board controller to
access the EEPROM.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
A6
A7
A8
A9
A10
A11
GND
CLK
INTR0
CS0
EEPROM
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
D0
D1
D2
D3
GND
D4
D5
D6
D7
GND
IRQ3
20 21 22 23
FN PACKAGE
(TOP VIEW)
54
3 2
1
644
42 41 40
43
24 25 26 27 28
14 15
A6
A7
A8
A9
NC
A10
A11
GND
CLK
INTR0
CS0
EEPROM
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
D0
D1
D2
D3
GND
D4
NC
D5
D6
D7
GND
IRQ3
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PT PACKAGE
(TOP VIEW)
NC – No internal connection
Copyright
© 1997, Texas Instruments Incorporated


Số phần tương tự - TL16PNP100AFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

Mô tả tương tự - TL16PNP100AFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
   Plug and play system evaluation
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Level One
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com