công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3241 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC3241
Giải thích chi tiết về linh kiện  Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3241 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC3241 Datasheet HTML 1Page - Texas Instruments ADC3241 Datasheet HTML 2Page - Texas Instruments ADC3241 Datasheet HTML 3Page - Texas Instruments ADC3241 Datasheet HTML 4Page - Texas Instruments ADC3241 Datasheet HTML 5Page - Texas Instruments ADC3241 Datasheet HTML 6Page - Texas Instruments ADC3241 Datasheet HTML 7Page - Texas Instruments ADC3241 Datasheet HTML 8Page - Texas Instruments ADC3241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
THS4551
www.ti.com
SBOS778A – APRIL 2016 – REVISED AUGUST 2016
Product Folder Links: THS4551
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS+
Single-supply positive voltage
2.7
5
5.4
V
TA
Ambient temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Thermal impedance for RGT reported with backside thermal pad soldered to heat spreading plane.
7.4 Thermal Information
THERMAL METRIC(1)
THS4551
UNIT
RGT(2)
(VQFN)
RUN
(WQFN)
DGK
(VSSOP)
16 PINS
10 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
54
142
185
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72
78
76
°C/W
RθJB
Junction-to-board thermal resistance
28
97
106
°C/W
ψJT
Junction-to-top characterization parameter
3.2
9.7
13
°C/W
ψJB
Junction-to-board characterization parameter
28
97
105
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
12
N/A
N/A
°C/W
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA ≈ 25°C. (B) Not tested in production; limits set by
characterization and simulation. (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (VPP / √2) × 2π × f–3dB.
7.5
Electrical Characteristics: (VS+) – (VS–) = 5 V
at TA ≈ 25°C, VOCM pin = open, RF = 1 kΩ, RL = 1 kΩ, VOUT = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for ac-coupled tests (unless otherwise noted);
see Figure 61 for a gain of 1-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1, peaking (< 1.0 dB)
150
MHz
C
VOUT = 20 mVPP, G = 2
75
C
VOUT = 20 mVPP, G = 10
15
C
GBP
Gain-bandwidth product
VOUT = 20 mVPP, G = 100
135
MHz
C
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 1
37
MHz
C
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 1
15
MHz
C
SR
Slew rate(2)
VOUT = 4 VPP, full-power bandwidth (FPBW),
RL = 1 kΩ
220
V/µs
C
tR, tF
Rise and fall time
VOUT = 0.5-V step, G = 1, input tR = 2 ns
6
ns
C
tSETTLE
Settling time
To 0.1%, VOUT = 0.5-V step, input tR = 2 ns, G = 1
30
ns
C
To 0.01%,VOUT = 0.5-V step, input tR = 2 ns, G = 1
50
C
Overshoot and undershoot
VOUT = 0.5-V step G = 1, input tR = 2 ns
8%
C
HD2
Second-order harmonic distortion
f = 100 kHz, VOUT = 2 VPP, G = 1, RL = 1 kΩ
–128
dBc
C
f = 100 kHz, VOUT = 8 VPP, G = 1, RL = 1 kΩ
–124
C
HD3
Third-order harmonic distortion
f = 100 kHz, VOUT = 2 VPP, G = 1, RL = 1 kΩ
–139
dBc
C
f = 100 kHz, VOUT = 8 VPP, G = 1, RL = 1 kΩ
–131
C
Input voltage noise
f > 500 Hz, 1/f < 150 Hz
3.3
nV/
√Hz
C
Input current noise
f > 20 kHz, 1/f <10 kHz
0.5
pA/
√Hz
C
Overdrive recovery time
G = 2, 2X output overdrive, dc coupled
50
ns
C
Closed-loop output impedance
f = 100 kHz (differential), G = 1
0.02
Ω
C


Số phần tương tự - ADC3241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241IRGZ25 TI1-ADC3241IRGZ25 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241IRGZR TI1-ADC3241IRGZR Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241IRGZT TI1-ADC3241IRGZT Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
More results

Mô tả tương tự - ADC3241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com