công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB020A03KV8-0-T6-G bảng dữ liệu(PDF) 2 Page - Cystech Electonics Corp.

tên linh kiện MTB020A03KV8-0-T6-G
Giải thích chi tiết về linh kiện  Dual N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020A03KV8-0-T6-G bảng dữ liệu(HTML) 2 Page - Cystech Electonics Corp.

  MTB020A03KV8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020A03KV8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143V8
Issued Date : 2016.06.13
Revised Date :
Page No. : 2/9
MTB020A03KV8
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Breakdown Voltage
BVDSS
30
Gate-Source Voltage
VGS
±
16
V
TA=25
°C, VGS=10V
6.6
Continuous Drain Current *2
TA=70
°C, VGS=10V
IDSM
5.3
TC=25
°C, VGS=10V
12
Continuous Drain Current
TC=100
°C, VGS=10V
ID
7.6
Pulsed Drain Current
* 3
IDM
48
A
TA=25°C, Single device operation
1.5 *2
TA=70°C, Single device operation
0.96 *2
TA=25°C,Single device value at dual operation
1.24 *2
TA=70°C,Single device value at dual operation
PDSM
0.79 *2
TC=25°C
5
Total Power
Dissipation
TC=100°C
PD * 1
2
W
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol Value
Unit
Max. Thermal Resistance, Junction-to-ambient, single device operation
84 *2
Max. Thermal Resistance, Junction-to-ambient, single device value at dual operation
Rth,j-a
101 *2
Max. Thermal Resistance, Junction-to-case
Rth,j-c
25
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C, t≤5s. 216°C/W when mounted on a minimum pad of 2 oz. copper. The power dissipation
PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user’s specific board design.
3. Pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low duty cycles to keep initial
TJ=25°C.
N-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
VGS=0V, ID=250μA
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±10
VGS=±16V, VDS=0V
-
-
1
VDS=30V, VGS=0V
IDSS
-
-
10
μA
VDS=24V, VGS=0V, Tj=70
°C
-
15.2
20
VGS=10V, ID=10A
*RDS(ON)
-
20.1
28
m
Ω
VGS=4.5V, ID=8A
*GFS
-
3.6
-
S
VDS=10V, ID=1A


Số phần tương tự - MTB020A03KV8-0-T6-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTB020N03E3 CYSTEKEC-MTB020N03E3 Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03E3 DOINGTER-MTB020N03E3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB020N03E3-0-UB-X CYSTEKEC-MTB020N03E3-0-UB-X Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - MTB020A03KV8-0-T6-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com