công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6515 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6515
Giải thích chi tiết về linh kiện  LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6515 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMH6515 Datasheet HTML 4Page - Texas Instruments LMH6515 Datasheet HTML 5Page - Texas Instruments LMH6515 Datasheet HTML 6Page - Texas Instruments LMH6515 Datasheet HTML 7Page - Texas Instruments LMH6515 Datasheet HTML 8Page - Texas Instruments LMH6515 Datasheet HTML 9Page - Texas Instruments LMH6515 Datasheet HTML 10Page - Texas Instruments LMH6515 Datasheet HTML 11Page - Texas Instruments LMH6515 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
3
6
9
12 15 18 21 24 27 30
25
27
29
31
33
35
37
39
41
43
45
GAIN STEP (0 = MAX GAIN)
RL = 200:
VOUT = 2 VPP
f = 75 MHz
f = 150 MHz
f = 250 MHz
INPUT CLIPPING
0
3
6
9
12 15 18 21 24 27 30
25
27
29
31
33
35
37
39
41
43
45
GAIN STEP (0 = MAX GAIN)
RL = 100:
VOUT = 2 VPP
f = 75 MHz
f = 150 MHz
f = 250 MHz
INPUT CLIPPING
1
10
100
1000
FREQUENCY (MHz)
15
16
17
18
19
20
-40°C
25°C
85°C
1
10
100
1000
FREQUENCY (MHz)
-16
-15
-14
-13
-12
-11
-40°C
25°C
85°C
10
100
1000
-2
1
4
7
10
13
16
19
22
FREQUENCY (MHz)
CL = 0 pF
CL = 1.8 pF
CL = 4.7 pF
CL = 10 pF
LOAD = 100: || CL
10
100
1000
-19
-13
11
20
17
14
-7
-10
-16
-4
-1
2
5
8
FREQUENCY (MHz)
RL = 100:
LMH6515
SNOSAX4C – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5V
Frequency Response All Gain Settings
Frequency Response with Capacitive Load
Figure 2.
Figure 3.
Frequency Response Over Temperature, Maximum Gain
Frequency Response Over Temperature, Minimum Gain
Figure 4.
Figure 5.
OIP3 High Gain Mode
OIP3 Low Gain Mode
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6515


Số phần tương tự - LMH6515

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6515 TI1-LMH6515 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6515SQ NSC-LMH6515SQ Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515SQNOPB TI1-LMH6515SQNOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6515

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com