công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6514 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6514
Giải thích chi tiết về linh kiện  LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6514 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMH6514 Datasheet HTML 6Page - Texas Instruments LMH6514 Datasheet HTML 7Page - Texas Instruments LMH6514 Datasheet HTML 8Page - Texas Instruments LMH6514 Datasheet HTML 9Page - Texas Instruments LMH6514 Datasheet HTML 10Page - Texas Instruments LMH6514 Datasheet HTML 11Page - Texas Instruments LMH6514 Datasheet HTML 12Page - Texas Instruments LMH6514 Datasheet HTML 13Page - Texas Instruments LMH6514 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
50
100 150 200 250 300 350 400 450
FREQUENCY (MHz)
-50
0
50
100
150
200
250
300
350
|Z|
R
jX
50
100 150 200 250 300 350 400 450
FREQUENCY (MHz)
-50
0
50
100
150
200
250
300
350
|Z|
R
jX
50
100 150 200 250 300 350 400 450
FREQUENCY (MHz)
-50
0
50
100
150
200
250
300
350
|Z|
R
jX
0
50
100
150
200
250
300
FREQUENCY (MHz)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
RL = 100:
85°C
25°C
-40°C
1
2
3
4
5
6
7
5.95
6.00
6.05
6.10
6.15
6.20
6.25
6.30
6.35
6.40
6.45
GAIN STEP
IDEAL
f = 250 MHz
f = 150 MHz
f = 75 MHz
VOUT = 1 VPP
RL = 100:
HIGH
GAIN
LOW
GAIN
1
2
3
4
5
6
7
GAIN STEP (0 = MAXIMUM GAIN)
5.90
5.95
6.00
6.05
6.10
6.15
6.20
6.25
85°C
25°C
-40°C
f = 150 MHz
VOUT = 2 VPP
RL = 100:
LMH6514
SNOSB06A – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VCC = 5V (continued)
Worst Case Gain Step Error
vs
Frequency
Gain Steps over Temperature
Figure 20.
Figure 21.
Worst Case Gain Step Error over Temperature
Input Impedance (S11) at Maximum Gain
Figure 22.
Figure 23.
Input Impedance (S11) at Minimum Gain
Output Impedance (S22) at Maximum Gain Low Gain Mode
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6514


Số phần tương tự - LMH6514

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514SQ NSC-LMH6514SQ Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514SQENOPB TI1-LMH6514SQENOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514SQNOPB TI1-LMH6514SQNOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6514

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com