công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6503MT bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6503MT
Giải thích chi tiết về linh kiện  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MT bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMH6503MT Datasheet HTML 4Page - Texas Instruments LMH6503MT Datasheet HTML 5Page - Texas Instruments LMH6503MT Datasheet HTML 6Page - Texas Instruments LMH6503MT Datasheet HTML 7Page - Texas Instruments LMH6503MT Datasheet HTML 8Page - Texas Instruments LMH6503MT Datasheet HTML 9Page - Texas Instruments LMH6503MT Datasheet HTML 10Page - Texas Instruments LMH6503MT Datasheet HTML 11Page - Texas Instruments LMH6503MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MAX
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MIN
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-15
-10
-5
0
5
VG = 0V AVERAGE
PIN = 0dBm
AVMAX = 2V/V
S21 (dB) + 20 PLOTTED
SEE NOTE 11
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -22dBm
SEE NOTE 12
0
50M
100M
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -42dBm
SEE NOTE 12
0
50M
100M
f (25 MHz/DIV)
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
45
90
135
180
2
3
225
270
GAIN
PHASE
VOUT = 5VPP
100
10
2
750
1k
2.4k
AVMAX
RF(k:)
SEE NOTE 12
100
10
2
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Frequency Response for Various VG (AVMAX = 100)
Large Signal Frequency Response
(Small Signal)
Figure 10.
Figure 11.
Frequency Response for Various VG (AVMAX = 100)
(Large Signal)
Gain Control Frequency Response
Figure 12.
Figure 13.
IS vs. VS
IS vs. VS
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503


Số phần tương tự - LMH6503MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6503MT NSC-LMH6503MT Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503MTX NSC-LMH6503MTX Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MTX TI-LMH6503MTX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Mô tả tương tự - LMH6503MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com