công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6505 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6505
Giải thích chi tiết về linh kiện  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6505 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH6505 Datasheet HTML 1Page - Texas Instruments LMH6505 Datasheet HTML 2Page - Texas Instruments LMH6505 Datasheet HTML 3Page - Texas Instruments LMH6505 Datasheet HTML 4Page - Texas Instruments LMH6505 Datasheet HTML 5Page - Texas Instruments LMH6505 Datasheet HTML 6Page - Texas Instruments LMH6505 Datasheet HTML 7Page - Texas Instruments LMH6505 Datasheet HTML 8Page - Texas Instruments LMH6505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH6505
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TJ = 25°C, VS = ±5V, AVMAX = 9.4 V/V, RF = 1 kΩ, RG = 100Ω, VIN =
±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
Distortion & Noise Performance
HD2
2nd Harmonic Distortion
2VPP, 20 MHz
−47
HD3
3rd Harmonic Distortion
–61
dBc
THD
Total Harmonic Distortion
−45
En tot
Total Equivalent Input Noise
f > 1 MHz, RSOURCE = 50Ω
4.4
nV/
√Hz
IN
Input Noise Current
f > 1 MHz
2.6
pA/
√Hz
DG
Differential Gain
f = 4.43 MHz, RL = 100Ω
0.30
%
DP
Differential Phase
0.15
deg
DC & Miscellaneous Performance
GACCU
Gain Accuracy
VG = 2.0V
0
±0.50
dB
(See Application Information)
0.8V < VG < 2V
+0.1/
−0.53
+4.3/
−3.9
G Match
Gain Matching
VG = 2.0V
±0.50
dB
(See Application Information)
0.8V < VG < 2V
+4.2/
−4.0
K
Gain Multiplier
0.890
0.940
0.990
V/V
(See Application Information)
0.830
1.04
VIN NL
Input Voltage Range
RG Open
±3
V
VIN L
RG = 100Ω
±0.60
±0.74
±0.50
I RG_MAX
RG Current
Pin 3
±6.0
±7.4
mA
±5.0
IBIAS
Bias Current
Pin 2 (7)
−0.6
−2.5
µA
−2.6
TC IBIAS
Bias Current Drift
Pin 2 (8)
1.28
nA/°C
RIN
Input Resistance
Pin 2
7
M
CIN
Input Capacitance
Pin 2
2.8
pF
IVG
VG Bias Current
Pin 1, VG = 2V
(7)
0.9
µA
TC IVG
VG Bias Drift
Pin 1 (8)
10
pA/°C
R VG
VG Input Resistance
Pin 1
25
M
C VG
VG Input Capacitance
Pin 1
2.8
pF
VOUT L
Output Voltage Range
RL = 100Ω
±2.1
±2.4
±1.9
V
VOUT NL
RL = Open
±3.1
ROUT
Output Impedance
DC
0.12
IOUT
Output Current
VOUT = ±4V from Rails
±60
±80
mA
±40
VO OFFSET
Output Offset Voltage
0V < VG < 2V
±10
±55
mV
±70
+PSRR
+Power Supply Rejection Ratio
Input Referred, 1V change, VG =
–65
–72
dB
(9)
2.2V
−PSRR
−Power Supply Rejection Ratio
Input Referred, 1V change, VG =
–65
–75
dB
(9)
2.2V
IS
Supply Current
No Load
9.5
11
14
mA
7.5
16
(7)
Positive current corresponds to current flowing into the device.
(8)
Drift is determined by dividing the change in parameter distribution at temperature extremes by the total temperature change.
(9)
+PSRR definition: [|
ΔVOUT/ΔV
+| / A
V], −PSRR definition: [|ΔVOUT/ΔV
| / A
V] with 0.1V input voltage. ΔVOUT is the change in output
voltage with offset shift subtracted out.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6505


Số phần tương tự - LMH6505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505MA NSC-LMH6505MA Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505MA INTERSIL-LMH6505MA Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505MAX NSC-LMH6505MAX Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results

Mô tả tương tự - LMH6505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com