công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH3401IRMST bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH3401IRMST
Giải thích chi tiết về linh kiện  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH3401IRMST bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMH3401IRMST Datasheet HTML 1Page - Texas Instruments LMH3401IRMST Datasheet HTML 2Page - Texas Instruments LMH3401IRMST Datasheet HTML 3Page - Texas Instruments LMH3401IRMST Datasheet HTML 4Page - Texas Instruments LMH3401IRMST Datasheet HTML 5Page - Texas Instruments LMH3401IRMST Datasheet HTML 6Page - Texas Instruments LMH3401IRMST Datasheet HTML 7Page - Texas Instruments LMH3401IRMST Datasheet HTML 8Page - Texas Instruments LMH3401IRMST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
±120
±100
±80
±60
±40
±20
0
1
10
100
1000
Frequency (MHz)
HD2
HD3
C002
12.5 W
12.5 W
200 W
V
CM
V
OUT-
200 W
V
IN
Filter
LMH3401
V
OUT+
R
O
CM
R
O
ADC
A
IN-
A
IN+
CM
Single-Ended,
50-
Source
W
50 W
10 W
10 W
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMH3401
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
1 Features
3 Description
The LMH3401 is a very high-performance, differential
1
Excellent Single-Ended to Differential Conversion
amplifier
optimized
for
radio
frequency
(RF),
Performance from DC to 2 GHz
intermediate frequency (IF), or high-speed, time-
7-GHz, –3-dB Bandwidth
domain applications. This device is ideal for dc- or ac-
Excellent HD2 and HD3 to 2 GHz:
coupled applications that require a single-ended to
differential conversion when driving an analog-to-
–96 (HD2), –102 (HD3) at 10 MHz
digital converter (ADC). The LMH3401 generates
–79 (HD2), –77 (HD3) at 500 MHz
very low levels of second-order and third-order
–64 (HD2), –72 (HD3) at 1 GHz
distortion when operating in single-ended-input to
differential-output or differential-input to differential-
–55 (HD2), –40 (HD3) at 2 GHz
output mode.
Best in Class OIP3 Performance to 2 GHz:
The on-chip resistors simplify printed circuit board
45 dBm at 200 MHz
(PCB)
implementation
and
provide
the
highest
33 dBm at 1 GHz
performance over the usable bandwidth of 2 GHz.
24 dBm at 2 GHz
This performance makes the LMH3401 ideal for
applications
such
as
test
and
measurement,
Fixed Single-Ended to Differential Voltage Gain:
broadband communications, and high-speed data
16 dB
acquisition. A common-mode reference input pin is
Noise Figure: 9 dB at 200 MHz (RS = 50 Ω)
provided to align the amplifier output common-mode
Slew Rate: 18,000 V/µs
with the ADC input requirements. Use this device with
power supplies between 3.3 V and 5.0 V; dual-supply
Supports Single-Supply or Split-Supply Operation
operation
is
supported
when
required
by
the
Powered-Down Feature
application.
Supply Current: 55 mA
This level of performance is achieved at a very low
power level of 275 mW when a 5.0-V supply is used.
2 Applications
A power-down feature is also available for power
GSPS ADC Drivers
savings.
The
LMH3401
is
fabricated
in
Texas
Instruments'
advanced
complementary
BiCMOS
ADC Drivers for High-Speed Data Acquisition
process and is available in a space-saving, 14-lead
ADC Driver for 1-GBPS Ethernet over Microwave
UQFN
package
with
a
specified
operating
DAC Buffers
temperature range of –40°C to 85°C.
Wideband Gain Stages
Device Information(1)
Single-Ended to Differential Conversions
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Level Shifters
LMH3401
UQFN (14)
2.50 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
LMH3401 Driving an ADC12J4000
Distortion Products vs Frequency
RL = 200 Ω, VOUT = 2 VPP
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMH3401IRMST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Mô tả tương tự - LMH3401IRMST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com