công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH3401IRMSR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH3401IRMSR
Giải thích chi tiết về linh kiện  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH3401IRMSR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMH3401IRMSR Datasheet HTML 4Page - Texas Instruments LMH3401IRMSR Datasheet HTML 5Page - Texas Instruments LMH3401IRMSR Datasheet HTML 6Page - Texas Instruments LMH3401IRMSR Datasheet HTML 7Page - Texas Instruments LMH3401IRMSR Datasheet HTML 8Page - Texas Instruments LMH3401IRMSR Datasheet HTML 9Page - Texas Instruments LMH3401IRMSR Datasheet HTML 10Page - Texas Instruments LMH3401IRMSR Datasheet HTML 11Page - Texas Instruments LMH3401IRMSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LMH3401
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics: VS = 3.3 V (continued)
Test conditions are at TA = 25°C, VS+ = 1.65 V, VS– = –1.65 V, VCM = 0 V, RL = 200-Ω differential, G = 16 dB, single-ended
input and differential output, and input and output referenced to midsupply, unless otherwise noted. Measured using an EVM
as discussed in the section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
DC PERFORMANCE
50-
Ω, single-ended source with external 50-Ω
15.4
16
16.6
dB
A
termination
Gain
100-
Ω differential source, external termination
12
dB
C
TA = 25°C
±2
±20
mV
A
Differential output offset voltage
TA = –40°C to 85°C
±4
mV
C
Differential output voltage drift
3.6
µV/°C
C
Common-mode rejection ratio
–72
dB
A
INPUT
Differential input resistance
22
25
29
Ω
A
Single-ended input resistance
With external 50-
Ω resistor on INN to ground
45
50
55
Ω
A
Input common-mode range low
Inputs shorted together
VS– – 0.3
VS– + 0.2
V
A
Input common-mode range high
Inputs shorted together
VS+ – 1.5
VS+ –1.6
V
A
OUTPUT
TA = 25°C
VS+ – 1.2
VS+ – 0.95
V
A
Measured
Output voltage range high
single-ended
TA = –40°C to 85°C
VS+ – 1.05
V
C
TA = 25°C
VS– + 1.2
VS– + 0.95
V
A
Measured
Output voltage range low
single-ended
TA = –40°C to 85°C
VS– + 1.05
V
C
Differential output voltage
2.8
VPP
C
Differential output current drive
VO = 0 V
30
40
mA
A
OUTPUT COMMON-MODE VOLTAGE CONTROL
VCM small-signal bandwidth
VOUT_CM = 200 mVPP
3
GHz
C
VCM slew rate
VOUT_CM = 500 mVPP
2600
V/µs
C
VS– +
VCM voltage range low
Differential gain shift < 1 dB
VS– + 1.35
V
A
1.55
VS+ –
VCM voltage range high
Differential gain shift < 1 dB
VS+ – 1.35
V
A
1.55
VCM gain
VCM = 0 V
0.98
1.0
1.01
V/V
A
Output common-mode offset
VCM = 0 V
–7
mV
C
from VCM input
Common-mode voltage drift
–34.6
µV/°C
C
POWER SUPPLY
Quiescent current
TA = 25°C
49
54
60
mA
A
VS+
60
84
dB
A
Power-supply rejection ratio
VS–
50
75
dB
A
POWER-DOWN
Device powers on below 0.8 V,
Enable or disable voltage threshold
1.0
1.1
1.2
V
A
device powers down above 1.2 V
Power-down quiescent current
1
1.6
5
mA
A
PD bias current
PD = 2.5 V
10
±100
µA
C
Turn-on time delay
Time to VO = 90% of final value
10
ns
C
Turn-off time delay
Time to VO = 10% of original value
10
ns
C
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LMH3401


Số phần tương tự - LMH3401IRMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Mô tả tương tự - LMH3401IRMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com