công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH3401 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH3401
Giải thích chi tiết về linh kiện  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH3401 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH3401_16 Datasheet HTML 3Page - Texas Instruments LMH3401_16 Datasheet HTML 4Page - Texas Instruments LMH3401_16 Datasheet HTML 5Page - Texas Instruments LMH3401_16 Datasheet HTML 6Page - Texas Instruments LMH3401_16 Datasheet HTML 7Page - Texas Instruments LMH3401_16 Datasheet HTML 8Page - Texas Instruments LMH3401_16 Datasheet HTML 9Page - Texas Instruments LMH3401_16 Datasheet HTML 10Page - Texas Instruments LMH3401_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
LMH3401
www.ti.com
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
7.6 Electrical Characteristics: VS = 3.3 V
Test conditions are at TA = 25°C, VS+ = 1.65 V, VS– = –1.65 V, VCM = 0 V, RL = 200-Ω differential, G = 16 dB, single-ended
input and differential output, and input and output referenced to midsupply, unless otherwise noted. Measured using an EVM
as discussed in the section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
VO = 200 mVPP
6.5
GHz
C
Large-signal bandwidth
VO = 1 VPP
4
GHz
C
Bandwidth for 0.1-dB flatness
VO = 1 VPP
700
MHz
C
Slew rate
VO = 1-V step
17600
V/µs
C
Rise time
VO = 1-V step
90
ps
C
Fall time
VO = 1-V step
90
ps
C
Input return loss, s11
See S-Parameters section, f < 1 GHz
–20
dB
C
Output return loss, s22
See S-Parameters section, f < 1 GHz
–20
dB
C
Reverse isolation, s12
See S-Parameters section, f < 1 GHz
–65
dB
C
f = 10 MHz, VO = 1 VPP
–97
dBc
C
f = 500 MHz, VO = 1 VPP
–74
dBc
C
Second-order harmonic distortion
f = 1 GHz, VO = 1 VPP
–59
dBc
C
f = 2 GHz, VO = 1 VPP
–48
dBc
C
f = 10 MHz, VO = 1 VPP
–100
dBc
C
f = 500 MHz, VO = 1 VPP
–66
dBc
C
Third-order harmonic distortion
f = 1 GHz, VO = 1 VPP
–56
dBc
C
f = 2 GHz, VO = 1 VPP
–49
dBc
C
f = 10 MHz, VO = 0.5 VPP per tone
–95
dBc
C
f = 500 MHz, VO = 0.5 VPP per tone
–81
dBc
C
Second-order intermodulation distortion
f = 1 GHz, VO = 0.5 VPP per tone
–72
dBc
C
f = 2 GHz, VO = 0.5 VPP per tone
–60
dBc
C
f = 10 MHz, VO = 0.5 VPP per tone
–100
dBc
C
f = 500 MHz, VO = 0.5 VPP per tone
–86
dBc
C
Third-order intermodulation distortion
f = 1 GHz, VO = 0.5 VPP per tone
–78
dBc
C
f = 2 GHz, VO = 0.5 VPP per tone
–56
dBc
C
At device outputs, f = 10 MHz
39.5
dBm
C
Output third-order intercept point
At device outputs, f = 1000 MHz
31
dBm
C
Input-referred voltage noise
f > 1 MHz
1.4
nV/
√Hz
C
f = 200 MHz
9
dB
C
50-
Ω, single-
Noise figure
ended source
f = 1 GHz
9.4
dB
C
Overdrive recovery
Overdrive = ±0.5 V
400
ps
C
Output impedance
f = 100 MHz
16
20
24
Ω
A
(1)
Test levels: (A) 100% tested at 25°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH3401


Số phần tương tự - LMH3401_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Mô tả tương tự - LMH3401_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com