công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2832IRHAT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2832IRHAT
Giải thích chi tiết về linh kiện  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832IRHAT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH2832IRHAT Datasheet HTML 2Page - Texas Instruments LMH2832IRHAT Datasheet HTML 3Page - Texas Instruments LMH2832IRHAT Datasheet HTML 4Page - Texas Instruments LMH2832IRHAT Datasheet HTML 5Page - Texas Instruments LMH2832IRHAT Datasheet HTML 6Page - Texas Instruments LMH2832IRHAT Datasheet HTML 7Page - Texas Instruments LMH2832IRHAT Datasheet HTML 8Page - Texas Instruments LMH2832IRHAT Datasheet HTML 9Page - Texas Instruments LMH2832IRHAT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Test levels: (A) 100% tested at 25°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
POUT is the signal tone power at the output of the device.
7.5 Electrical Characteristics
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with a transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
LSBW
Large-signal,
–3-dB bandwidth
G = 30 dB, VO = 2 VPP
1140
MHz
C
G = 0 dB, VO = 2 VPP
2350
C
BW
Bandwidth for 0.1-dB flatness
300
MHz
C
HD2
Second-order harmonic
distortion
f = 100 MHz, VO = 2 VPP
–88
dBc
C
f = 200 MHz, VO = 2 VPP
–76
C
f = 300 MHz, VO = 2 VPP
–63
C
f = 450 MHz, VO = 2 VPP
–58
C
HD3
Third-order harmonic
distortion
f = 100 MHz, VO = 2 VPP
–94
dBc
C
f = 200 MHz, VO = 2 VPP
–90
C
f = 300 MHz, VO = 2 VPP
–81
C
f = 450 MHz, VO = 2 VPP
–75
C
IMD3
Third-order intermodulation
distortion
f = 100 MHz, tone spacing = 2 MHz,
POUT
(2) = 0 dBm per tone
–106
dBc
C
f = 200 MHz, tone spacing = 2 MHz
–102
C
f = 300 MHz, tone spacing = 2 MHz
–86
C
OIP3
Output third-order intercept
point
f = 100 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
53
dBm
C
f = 200 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
51
C
f = 300 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
43
C
P1dB
1-dB compression point
f = 100 MHz, RL = 150 Ω
16
dBm
C
f = 200 MHz, RL = 150 Ω
16
C
f = 300 MHz, RL = 150 Ω
16.5
C
NF
Noise figure
Ri = 150 Ω, f = 300 MHz, max gain
6.5
dB
C
Output-referred voltage noise
f = 300 MHz, max gain
47.7
nV/
√Hz
C
S11
Input return loss
f = 300 MHz
17
dB
C
S22
Reverse Isolation
Including input transformer, f < 300 MHz
53
dB
C
Channel-to-channel crosstalk
f = 300 MHz, channel A to B
–77
dB
C
f = 300 MHz, channel B to A
–81
Channel-to-channel phase
matching
f = 200 MHz
±0.1
°
C
Channel-to-channel gain
matching
f = 200 MHz
±0.05
dB
C
GAIN PARAMETERS
Maximum voltage gain
f = dc, gain code = 00h
29.5
30
30.5
dB
A
Minimum voltage gain
f = dc, gain code = 27h
–9.5
–9
–8.5
dB
A
Gain range
39
dB
C
Gain step size
Between any two adjacent gain settings
0.75
1
1.25
dB
A
EG
Gain error
For any gain value
–0.5
0
0.5
dB
A
Cumulative gain error
Referenced to max gain
–1
1
dB
A
Gain step transition time
6
ns
C


Số phần tương tự - LMH2832IRHAT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Mô tả tương tự - LMH2832IRHAT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com