công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2832IRHAR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2832IRHAR
Giải thích chi tiết về linh kiện  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832IRHAR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMH2832IRHAR Datasheet HTML 7Page - Texas Instruments LMH2832IRHAR Datasheet HTML 8Page - Texas Instruments LMH2832IRHAR Datasheet HTML 9Page - Texas Instruments LMH2832IRHAR Datasheet HTML 10Page - Texas Instruments LMH2832IRHAR Datasheet HTML 11Page - Texas Instruments LMH2832IRHAR Datasheet HTML 12Page - Texas Instruments LMH2832IRHAR Datasheet HTML 13Page - Texas Instruments LMH2832IRHAR Datasheet HTML 14Page - Texas Instruments LMH2832IRHAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D014
-40°C
25°C
90°C
105°C
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D015
-40°C
25°C
90°C
105°C
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D012
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Gain = -2 dB
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D013
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Gain = -2 dB
Voltage Gain (dB)
-9
-6
-3
0
3
6
9
12
15
18
21
24
27
30
5
10
15
20
25
30
35
40
45
50
D011
f = 50 MHz
f = 100 MHz
f = 200 MHz
f = 300 MHz
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
4
5
6
7
8
9
10
11
12
D022
25°C
11
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
ZIN = 150 Ω
Figure 13. Noise Figure vs Voltage Gain
Figure 14. Noise Figure vs Frequency
VO = 2 VPP
Figure 15. HD2 vs Frequency and Gain Settings
VO = 2 VPP
Figure 16. HD3 vs Frequency and Gain Settings
VO = 2 VPP
Figure 17. HD2 vs Frequency and Temperature
VO = 2 VPP
Figure 18. HD3 vs Frequency and Temperature


Số phần tương tự - LMH2832IRHAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Mô tả tương tự - LMH2832IRHAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com