công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2832 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2832
Giải thích chi tiết về linh kiện  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMH2832 Datasheet HTML 1Page - Texas Instruments LMH2832 Datasheet HTML 2Page - Texas Instruments LMH2832 Datasheet HTML 3Page - Texas Instruments LMH2832 Datasheet HTML 4Page - Texas Instruments LMH2832 Datasheet HTML 5Page - Texas Instruments LMH2832 Datasheet HTML 6Page - Texas Instruments LMH2832 Datasheet HTML 7Page - Texas Instruments LMH2832 Datasheet HTML 8Page - Texas Instruments LMH2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
25
30
35
40
45
50
55
60
D005
Channel A
Channel B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
1
1 Features
1
Dual-Channel, Individual SPI™-Controlled DVGA
Single 5-V Supply
–3-dB Bandwidth: 1.1 GHz (Max Gain)
Flat Bandwidth Response: 300 MHz
Channel-to-Channel Gain Matching: ±0.05 dB
Channel-to-Channel Phase Matching: ±0.1°
Gain:
30 dB to –9 dB
1-dB Steps ±0.2 dB
Output Third-Order Intercept Point (OIP3):
43 dBm at 300 MHz
51 dBm at 200 MHz
Noise Figure (NF):
6.5 dB (Max Gain) at 300 MHz, ZIN = 150 Ω
Adjustable Power Consumption:
90 mA to 108 mA per Channel
Power-Saving, Power-Down Feature:
IQ < 4.5 mA per Channel
Power-Down Pin and SPI Programmability
Input Return Loss at 300 MHz:
17 dB (RS = 150 Ω)
2 Applications
DOCSIS 3.1 CMTS Upstream Direct Sampling
Receivers
CATV Modem Signal Scaling
Programmable Gain IF Amplifiers
Generic RF, IF Gain Stages
ADC Drivers
3 Description
The LMH2832 is a high-linearity, dual-channel, digital
variable-gain amplifier (DVGA) for high-speed signal
chain and data-acquisition systems. The LMH2832 is
optimized to provide high bandwidth, low distortion,
and low noise, thus making the device ideally suited
as a dual, 14-bit, analog-to-digital converter (ADC)
driver. The device consists of one fixed-gain block
and one variable attenuator consisting of a total gain
of 30 dB with a maximum attenuation of 39 dB. The
gain range is from 30 dB to –9 dB in 1-dB gain steps
with a gain accuracy of ±0.2 dB. The input impedance
can be easily matched to 50-Ω or 75-Ω systems using
a 1:3-Ω or 1:2-Ω ratio balun, respectively. The
LMH2832 is designed to drive general-purpose ADCs
and also meets the requirements for both data over
cable service interface specification (DOCSIS) 3.0 32
quadrature amplitude modulation (QAM) carriers and
DOCSIS 3.1 wideband orthogonal frequency-division
multiplexing (OFDM) systems. With excellent NF
(6.5 dB) and linearity, the LMH2832 is designed to
perform
to
within
DOCSIS
specifications.
The
quiescent current in the power-down state is less
than 5 mA per channel with the typical current
consumption during operation at 105 mA per channel.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH2832
VQFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output Third-Order Intercept Point (OIP3) Performance


Số phần tương tự - LMH2832

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Mô tả tương tự - LMH2832

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com