công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2832 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2832
Giải thích chi tiết về linh kiện  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2832 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH2832 Datasheet HTML 1Page - Texas Instruments LMH2832 Datasheet HTML 2Page - Texas Instruments LMH2832 Datasheet HTML 3Page - Texas Instruments LMH2832 Datasheet HTML 4Page - Texas Instruments LMH2832 Datasheet HTML 5Page - Texas Instruments LMH2832 Datasheet HTML 6Page - Texas Instruments LMH2832 Datasheet HTML 7Page - Texas Instruments LMH2832 Datasheet HTML 8Page - Texas Instruments LMH2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CS
4
I
Serial interface enable, active low
GND
2, 9, 12, 19, 22, 29, 32, 39
I
Analog ground
INMA
1
I
Negative differential input, channel A
INMB
10
I
Negative differential input, channel B
INPA
40
I
Positive differential input, channel A
INPB
11
I
Positive differential input, channel B
OUTMA
30
O
Negative differential output, channel A
OUTMB
21
O
Negative differential output, channel B
OUTPA
31
O
Positive differential output, channel A
OUTPB
20
O
Positive differential output, channel B
PDB
15
I
Power-down control, channel B (logic high = power-down)
PDA
36
I
Power-down control, channel A (logic high = power-down)
SCLK
5
I
Serial interface clock input
SDI
6
I
Serial interface data input
SDO
7
O
Serial interface data output
VCC
3, 8, 13, 14, 16, 17, 18, 23, 24, 25,
26, 27, 28, 33, 34, 35, 37, 38
I
Analog voltage supply
Thermal pad
Connected to ground


Số phần tương tự - LMH2832

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
   LMH2 LED Modules Family
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Mô tả tương tự - LMH2832

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6401 TI1-LMH6401_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
LMH6401 TI-LMH6401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH6401 DC to 4.5 GHz, Fully-Differential, Digital Variable-Gain Amplifier
THS7530 TI-THS7530 Datasheet
200Kb / 16P
[Old version datasheet]   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
   HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com