công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2120 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2120
Giải thích chi tiết về linh kiện  6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2120 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH2120 Datasheet HTML 5Page - Texas Instruments LMH2120 Datasheet HTML 6Page - Texas Instruments LMH2120 Datasheet HTML 7Page - Texas Instruments LMH2120 Datasheet HTML 8Page - Texas Instruments LMH2120 Datasheet HTML 9Page - Texas Instruments LMH2120 Datasheet HTML 10Page - Texas Instruments LMH2120 Datasheet HTML 11Page - Texas Instruments LMH2120 Datasheet HTML 12Page - Texas Instruments LMH2120 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
RF INPUT POWER (dBm)
85°C
-40°C
-50
-40
-30
-20
-10
0
10
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-50
-40
-30
-20
-10
0
10
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
RF INPUT POWER (dBm)
-40°C
85°C
-50
-40
-30
-20
-10
0
10
3
2
1
0
-1
-2
-3
85°C
RF INPUT POWER (dBm)
-40°C
25°C
RF INPUT POWER (dBm)
-50
-40
-30
-20
-10
0
10
3
2
1
0
-1
-2
-3
-40°C
85°C
FREQUENCY (Hz)
10
1
0.1
0.01
10M
100M
1G
10G
RFIN = -25 dBm
RFIN = -10 dBm
RFIN = -5 dBm
RFIN = 0 dBm
RFIN = -15 dBm
RFIN = -20 dBm
RFIN = -30 dBm
RFIN = -35 dBm
RFIN = -40 dBm
-50
-40
-30
-20
-10
0
10
10
1
0.1
0.01
RF INPUT POWER (dBm)
-40°C
25°C
85°C
LMH2120
www.ti.com
SNWS021C – JULY 2010 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified TA = 25°C, VBAT = 2.7V, RFIN = 1900 MHz CW (Continuous Wave, unmodulated). Specified errors
are input referred.
Output Voltage
Output Voltage
vs.
vs.
Frequency
RF Input Power at 50 MHz
Figure 17.
Figure 18.
Lin Conformance
vs.
Lin Conformance (50 units) vs.
RF Input Power at 50 MHz
RF Input Power at 50 MHz
Figure 19.
Figure 20.
Temperature Variation
vs.
Temperature Variation (50 units) vs.
RF Input Power at 50 MHz
RF Input Power at 50 MHz
Figure 21.
Figure 22.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH2120


Số phần tương tự - LMH2120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2120 NSC-LMH2120 Datasheet
1Mb / 6P
   Linear RMS power detector particularly suited for accurate
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
More results

Mô tả tương tự - LMH2120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com