công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2110 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2110
Giải thích chi tiết về linh kiện  8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2110 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH2110 Datasheet HTML 1Page - Texas Instruments LMH2110 Datasheet HTML 2Page - Texas Instruments LMH2110 Datasheet HTML 3Page - Texas Instruments LMH2110 Datasheet HTML 4Page - Texas Instruments LMH2110 Datasheet HTML 5Page - Texas Instruments LMH2110 Datasheet HTML 6Page - Texas Instruments LMH2110 Datasheet HTML 7Page - Texas Instruments LMH2110 Datasheet HTML 8Page - Texas Instruments LMH2110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LMH2110
www.ti.com
SNWS022D – JANUARY 2010 – REVISED JUNE 2015
6.5 2.7-V and 4.5-V DC and AC Electrical Characteristics
Unless otherwise specified: all limits are ensured to TA = 25°C, VBAT = 2.7 V and 4.5 V (worst of the 2 is specified),
RFIN = 1900 MHz CW (Continuous Wave, unmodulated).
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
SUPPLY INTERFACE
Active mode: EN = HIGH, no signal present at RFIN
3.7
4.8
5.5
mA
Active mode: EN = HIGH, no signal present at RFIN
2.9
5.9
Limits apply at temperature extremes.
VBAT = 2.7 V
3.7
4.7
Shutdown: EN = LOW, no signal
μA
present at RFIN.
VBAT = 4.5 V
4.6
5.7
Shutdown: EN = LOW, no signal
VBAT = 2.7 V
5
IBAT
Supply current
present at RFIN.
μA
VBAT = 4.5 V
6.1
Limits apply at temperature extremes.
VBAT = 2.7V
3.5
4.7
EN = Low, RFIN = 0 dBm, 1900 MHz
μA
VBAT = 4.5 V
4.6
5.7
VBAT = 2.7 V
5
EN = Low, RFIN = 0 dBm, 1900 MHz
μA
Limits apply at temperature extremes.
VBAT = 4.5 V
6.1
RFIN = −10 dBm, 1900 MHz, 2.7V < VBAT < 5 V
56
Power Supply Rejection
PSRR
dB
RFIN = −10 dBm, 1900 MHz, 2.7V < VBAT < 5 V
Ratio(4)
45
Limits apply at temperature extremes.
LOGIC ENABLE INTERFACE
EN logic low input level
VLOW
Limits apply at temperature extremes.
0.6
V
(Shutdown mode)
VHIGH
EN logic high input level
Limits apply at temperature extremes.
1.1
V
IEN
Current into EN pin
Limits apply at temperature extremes.
50
nA
INPUT/OUTPUT INTERFACE
RIN
Input resistance
44
50
56
No input signal
1.5
Minimum output voltage
VOUT
mV
(pedestal)
No input signal, limits apply at temperature extremes
0
8
EN = High, RFIN = –10 dBm, 1900 MHz, ILOAD = 1
0.2
2
mA, DC measurement
EN = High, RFIN = –10 dBm, 1900 MHz, ILOAD = 1
ROUT
Output impedance
mA,
3
DC measurement, limits apply at temperature
extremes.
Sinking, RFIN = –10 dBm, OUT connected to 2.5 V
37
42
Sinking, RFIN = –10 dBm, OUT connected to 2.5 V
32
Limits apply at temperature extremes.
Output short circuit
IOUT
mA
current
Sourcing, RFIN = –10 dBm, OUT connected to GND
40
46
Sourcing, RFIN = –10 dBm, OUT connected to GND
34
Limits apply at temperature extremes.
Output leakage current in EN = Low, OUT connected to 2 V
IOUT,SD
50
nA
shutdown mode
Limits apply at temperature extremes.
RFIN = −10 dBm, 1900 MHz, output spectrum at 10
en
Output referred noise(4)
3
µV
√Hz
kHz
Integrated output referred Integrated over frequency band
VN
210
µVRMS
noise(4)
1 kHz – 6.5 kHz, RFIN = –10 dBm, 1900 MHz
(1)
2.7-V and 4.5-V DC and AC Electrical Characteristics values apply only for factory testing conditions at the temperature indicated.
Factory testing conditions result in very limited self-heating of the device such that TJ = TA. Parametric performance is not ensured in the
2.7-V and 4.5-V DC and AC Electrical Characteristics under conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by test or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH2110


Số phần tương tự - LMH2110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
LMH2110 NSC-LMH2110 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
[Old version datasheet]   Logarithmic Root Mean Square Response
logo
National Semiconductor ...
LMH2110TM NSC-LMH2110TM Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
LMH2110TMX NSC-LMH2110TMX Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
More results

Mô tả tương tự - LMH2110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com