công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2110 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH2110
Giải thích chi tiết về linh kiện  8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2110 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH2110_16 Datasheet HTML 3Page - Texas Instruments LMH2110_16 Datasheet HTML 4Page - Texas Instruments LMH2110_16 Datasheet HTML 5Page - Texas Instruments LMH2110_16 Datasheet HTML 6Page - Texas Instruments LMH2110_16 Datasheet HTML 7Page - Texas Instruments LMH2110_16 Datasheet HTML 8Page - Texas Instruments LMH2110_16 Datasheet HTML 9Page - Texas Instruments LMH2110_16 Datasheet HTML 10Page - Texas Instruments LMH2110_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LMH2110
www.ti.com
SNWS022D – JANUARY 2010 – REVISED JUNE 2015
2.7-V and 4.5-V DC and AC Electrical Characteristics (continued)
Unless otherwise specified: all limits are ensured to TA = 25°C, VBAT = 2.7 V and 4.5 V (worst of the 2 is specified),
RFIN = 1900 MHz CW (Continuous Wave, unmodulated).
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
RF DETECTOR TRANSFER
RFIN = 1900 MHz (fit range –20 dBm to –10 dBm)
(5)
Minimum power level,
PMIN
bottom end of dynamic
Log conformance error within ±1 dB
–36
dBm
range
Maximum power level,
PMAX
Log conformance error within ±1 dB
0
dBm
top end of dynamic range
VMIN
Minimum output voltage
At PMIN
3
mV
VMAX
maximum output voltage
At PMAX
1.5
V
KSLOPE
Logarithmic slope
41.8
43.9
46.1
mV/dB
PINT
Logarithmic Intercept
–35.5
–35.1
–34.7
dBm
±1-dB Log conformance error (ELC)
36
Limits apply at temperature extremes.
±3-dB Log conformance Error (ELC)
45
±3-dB Log conformance error (ELC)
43
Limits apply at temperature extremes.
±0.5-dB Input referred variation over temperature
Dynamic range for
DR
(EVOT), from PMIN
41
dB
specified accuracy
Limits apply at temperature extremes.
±0.3-dB error for a 1-dB Step (E1dB STEP)
40
±0.3-dB error for a 1-dB Step (E1dB STEP)
38
Limits apply at temperature extremes.
±1-dB error for a 10-dB Step (E10-dB 30 STEP)
30
Limits apply at temperature extremes.
W-CDMA Release 6/7/8,
0.09
Input-referred variation
–38 dBm < RFIN < –5 dBm
EMOD
dB
due to modulation
LTE, –38 dBm < RFIN < –5 dBm
0.18
RFIN = 3500 MHz, fit range –15 dBm to –5 dBm
(5)
Minimum power level,
PMIN
bottom end of dynamic
Log conformance error within ±1 dB
–31
dBm
range
Maximum power level,
PMAX
Log conformance error within ±1 dB
6
dBm
top end of dynamic range
VMIN
Minimum output voltage
At PMIN
2
mV
VMAX
Maximum output voltage
At PMAX
1.52
V
KSLOPE
Logarithmic slope
41.8
44
46.1
mV/dB
PINT
Logarithmic Intercept
–30.5
–29.7
–28.8
dBm
±1-dB Log conformance error (ELC)
37
±1-dB Log conformance error (ELC)
36
Limits apply at temperature extremes.
±3-dB Log conformance error (ELC)
44
Dynamic range for
DR
dB
±3-dB Log conformance error (ELC)
specified accuracy
42
Limits apply at temperature extremes.
±0.5-dB Input referred variation over temperature
(EVOT), from PMIN
39
Limits apply at temperature extremes.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH2110


Số phần tương tự - LMH2110_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2110 NSC-LMH2110_1 Datasheet
1Mb / 6P
   evaluation board is designed to help the evaluation
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results

Mô tả tương tự - LMH2110_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com