công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2100 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2100
Giải thích chi tiết về linh kiện  50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2100 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH2100 Datasheet HTML 2Page - Texas Instruments LMH2100 Datasheet HTML 3Page - Texas Instruments LMH2100 Datasheet HTML 4Page - Texas Instruments LMH2100 Datasheet HTML 5Page - Texas Instruments LMH2100 Datasheet HTML 6Page - Texas Instruments LMH2100 Datasheet HTML 7Page - Texas Instruments LMH2100 Datasheet HTML 8Page - Texas Instruments LMH2100 Datasheet HTML 9Page - Texas Instruments LMH2100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
LMH2100
SNWS020C – NOVEMBER 2007 – REVISED OCTOBER 2015
www.ti.com
2.7-V DC and AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured at TA = 25°C, VDD = 2.7 V, RF input frequency ƒ = 1855 MHz CW
(Continuous Wave, unmodulated). Maximum and minimum limits apply at the temperature extremes.
(1).
PARAMETER
TEST CONDITIONS
MIN (2)
TYP(3)
MAX (2)
UNIT
OUTPUT INTERFACE
From positive rail, sourcing,
15.3
23.9
VREF = 0 V, IOUT = 1 mA
From positive rail, sourcing,
VREF = 0 V, IOUT = 1 mA
28.9
TA = –40°C to +85°C
VOUT
Output voltage swing
mV
From negative rail, sinking,
13.1
22.3
VREF = 2.7 V, IOUT = 1 mA
From negative rail, sinking,
VREF = 2.7 V, IOUT = 1 mA
28.3
TA = –40°C to +85°C
Sourcing, VREF = 0 V, VOUT = 2.6 V
5.8
7.3
Sourcing, VREF = 0 V, VOUT = 2.6 V
5.2
TA = –40°C to +85°C
IOUT
Output short circuit current
mA
Sinking, VREF = 2.7 V, VOUT = 0.1 V
6.2
8.3
Sinking, VREF = 2.7 V, VOUT = 0.1 V
5.4
TA = –40°C to +85°C
BW
Small signal bandwidth
No RF input signal. Measured from REF
416
kHz
input current to VOUT
RTRANS
Output amp transimpedance gain
No RF input signal, from IREF to VOUT, DC
40.7
43.3
46.7
k
Positive, VREF from 2.7 V to 0 V
3.4
3.9
Positive, VREF from 2.7 V to 0 V
3.3
TA = –40°C to +85°C
SR
Slew rate
V/µs
Negative, VREF from 0 V to 2.7 V
3.8
4.4
Negative, VREF from 0 V to 2.7 V
3.7
TA = –40°C to +85°C
No RF input signal, EN = High, DC
0.2
1.8
measurement
ROUT
Output impedance(5)
No RF input signal, EN = High, DC
4
measurement
IOUT,SD
Output leakage current in
EN = Low, VOUT = 2 V
100
nA
shutdown mode
TA = –40°C to +85°C
RF DETECTOR TRANSFER
ƒ = 50 MHz, MIN and MAX at TA = –40°C
1.69
1.77
1.82
to +85°C
ƒ = 900 MHz, MIN and MAX at TA = –40°C
1.67
1.78
1.83
to +85°C
ƒ = 1855 MHz, MIN and MAX at TA =
1.57
1.65
1.70
–40°C to +85°C
Maximum output voltage
ƒ = 2500 MHz, MIN and MAX at TA =
VOUT,MAX
1.47
1.55
1.60
V
PIN= −5 dBm
(5)
–40°C to +85°C
ƒ = 3000 MHz, MIN and MAX at TA =
1.38
1.46
1.51
–40°C to +85°C
ƒ = 3500 MHz, MIN and MAX at TA =
1.25
1.34
1.40
–40°C to +85°C
ƒ = 4000 MHz, MIN and MAX at TA =
1.16
1.25
1.30
–40°C to +85°C
No input signal
207
266
324
VOUT,MIN
Minimum output voltage (pedestal)
mV
No input signal, TA = –40°C to +85°C
173
365
(5)
All limits are ensured by design and measurements which are performed on a limited number of samples. Limits represent the mean
±3–sigma values. The typical value represents the statistical mean value.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH2100


Số phần tương tự - LMH2100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100TMX NSC-LMH2100TMX Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Mô tả tương tự - LMH2100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com