công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH1981 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH1981
Giải thích chi tiết về linh kiện  Multi-Format Video Sync Separator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1981 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH1981 Datasheet HTML 5Page - Texas Instruments LMH1981 Datasheet HTML 6Page - Texas Instruments LMH1981 Datasheet HTML 7Page - Texas Instruments LMH1981 Datasheet HTML 8Page - Texas Instruments LMH1981 Datasheet HTML 9Page - Texas Instruments LMH1981 Datasheet HTML 10Page - Texas Instruments LMH1981 Datasheet HTML 11Page - Texas Instruments LMH1981 Datasheet HTML 12Page - Texas Instruments LMH1981 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
VIN
CSOUT
HSOUT
BPOUT
TBPOUT
BLANKING LEVEL
WHITE LEVEL
- SYNC
OH
TRAILING
EDGE
50%
SLICE
50%
50%
+ SYNC
VIDEO
tdBPOUT
THSOUT
tdHSOUT
tdCSOUT
VIDEO INPUT RANGE
0.5 VPP to 2 VPP
1 VPP (typ.)
LEADING
EDGE
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
Table 1. SDTV Horizontal Interval Timing Characteristics (NTSC, PAL, 480I, 576I)(1)(2)
Symbol
Parameter
Conditions
Typ
Units
tdCSOUT
Composite Sync Output Propagation Delay from Input Sync
See Figure 9
NTSC, 480I
475
ns
Reference (OH)
PAL, 576I
525
tdHSOUT
Horizontal Sync Output Propagation Delay from Input Sync
See Figure 9(1)
NTSC, 480I
40
ns
Reference (OH)
PAL, 576I
60
tdBPOUT
Burst/Back Porch Timing Output Propagation Delay from
See Figure 9
300
ns
Input Sync Trailing Edge
THSOUT
Horizontal Sync Output Pulse Width
See Figure 9
2.5
µs
TBPOUT
Burst/Back Porch Timing Output Pulse Width
See Figure 9
3.2
µs
(1)
Note: HSync propagation delay variation less than ±3 ns (typ) over 0°C to 70°C temperature range.
(2)
VCC = 3.3V , TA = 25°C
Table 2. EDTV Horizontal Interval Timing Characteristics (480P, 576P)
Symbol
Parameter
Conditions
Typ
Units
tdCSOUT
Composite Sync Output Propagation Delay from Input Sync
See Figure 9
450
ns
Reference (OH)
tdHSOUT
Horizontal Sync Output Propagation Delay from Input Sync
See Figure 9
35
ns
Reference (OH)
tdBPOUT
Burst/Back Porch Timing Output Propagation Delay from Input Sync
See Figure 9
500
ns
Trailing Edge
THSOUT
Horizontal Sync Output Pulse Width
See Figure 9
2.3
µs
TBPOUT
Burst/Back Porch Timing Output Pulse Width
See Figure 9
350
ns
HDTV Horizontal Interval Timing
Figure 10. HDTV Horizontal Interval with Tri-level Sync
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH1981


Số phần tương tự - LMH1981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981MT NSC-LMH1981MT Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
LMH1981MT NSC-LMH1981MT Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981MTX NSC-LMH1981MTX Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
More results

Mô tả tương tự - LMH1981

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Intersil Corporation
ISL59450 INTERSIL-ISL59450 Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com