công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0384 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH0384
Giải thích chi tiết về linh kiện  3-Gbps HD - SD SDI Extended Reach
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0384 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH0384 Datasheet HTML 3Page - Texas Instruments LMH0384 Datasheet HTML 4Page - Texas Instruments LMH0384 Datasheet HTML 5Page - Texas Instruments LMH0384 Datasheet HTML 6Page - Texas Instruments LMH0384 Datasheet HTML 7Page - Texas Instruments LMH0384 Datasheet HTML 8Page - Texas Instruments LMH0384 Datasheet HTML 9Page - Texas Instruments LMH0384 Datasheet HTML 10Page - Texas Instruments LMH0384 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
20%
80%
V
-
OD
V
+
OD
V
OS
V
= (V
+) – (V
-)
SSP-P
OD
OD
0V differential
t
r
+ V
OD
20%
80%
t
f
V
SSP-P
- V
OD
LMH0384
www.ti.com
SNLS308G – APRIL 2009 – REVISED JUNE 2015
AC Electrical Characteristics (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 MHz to 1.5 GHz(4)
15
dB
RLIN
Input Return Loss (SDI, SDI)
1.5 GHz to 3.0 GHz(4)
10
dB
RIN
Input Resistance (SDI, SDI)
single-ended
1.3
k
CIN
Input Capacitance (SDI, SDI)
single-ended
0.7
pF
(4)
Input return loss is dependent onboard design. The LMH0384 exceeds this specification on the SD384 evaluation board with a return
loss network consisting of a 5.6 nH inductor in parallel with the 75-
Ω series resistor on the input.
6.7 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCK
SCK Frequency
20
MHz
% SCK
tPH
SCK Pulse Width High
40
period
See Figure 2 and Figure 3
% SCK
tPL
SCK Pulse Width Low
40
period
tSU
MOSI Setup Time
4
ns
See Figure 2 and Figure 3
tH
MOSI Hold Time
4
ns
tSSSU
SS Setup Time
4
ns
tSSH
SS Hold Time
See Figure 2 and Figure 3
4
ns
tSSOF
SS Off Time
10
ns
6.8 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
tODZ
MISO Driven-to-Tristate Time
15
ns
tOZD
MISO Tristate-to-Driven Time
See Figure 3
15
ns
tOD
MISO Output Delay Time
15
ns
Figure 1. LVDS Output Voltage, Offset, and Timing Parameters
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0384


Số phần tương tự - LMH0384

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0384SQ NSC-LMH0384SQ Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
More results

Mô tả tương tự - LMH0384

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com