công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0366 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH0366
Giải thích chi tiết về linh kiện  3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0366 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 2Page - Texas Instruments LMH0366 Datasheet HTML 3Page - Texas Instruments LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics (continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
ICC
Supply Current
Normal operation, two output
58
75
mA
drivers
Normal operation, one output
driver and low power settings
40
55
mA
(5)
Device disabled
7
14
mA
(ENABLE = 0)
(5)
Low power mode with one output driver is achieved by powering down the second output driver, setting the amplitude of the active
output driver to the lowest setting, disabling input signal detection, and disabling signal detection and equalization for input channels not
present on the LMH0366. This can be configured with the following SPI register settings: write “1” to register 0x20 bit 7
(SIG_DET_PRESET) to force the reclocker to assume an input signal is present (so input signal detection can be turned off), write “1” to
register 0x11 bit 3 (SDO1_PD) to power down the SDO1 output driver, write “00” to register 0x12 bits 7:6 (SDO0_VOD) to set the SDO0
VOD to 400 mVP-P, and write “11111110” (0xFE) to register 0x15 to power down the input signal detection as well as power down the
signal detection and the equalization for input channels not present on the LMH0366.
AC Electrical Characteristics
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRSDI
Serial Input Data Rate
MADI
SDI
125
Mbps
(for reclocking)
SMPTE ST 259-C, DVB-ASI
270
Mbps
SMPTE ST 292
1483.5,
Mbps
1485
SMPTE ST 424
2967,
Mbps
2970
TOLJIT
Serial Input Jitter Tolerance
(3) (4) (5)>
UIP-P
6
(3) (4) (6)
>0.6
UIP-P
tJIT
Serial Data Output Intrinsic Jitter
270 Mbps (3)
SDO0, SDO1
0.01
0.02
UIP-P
1483.5 or 1485 Mbps
0.02
0.05
UIP-P
(3)
2967 or 2970 Mbps
0.04
0.1
UIP-P
(3)
BWLOOP Loop Bandwidth
270 Mbps,
220
kHz
<0.1dB Peaking
1485 Mbps,
0.9
MHz
<0.1dB Peaking
2970 Mbps,
1.7
MHz
<0.1dB Peaking
FCO
Serial Clock Output Frequency
125 Mbps data rate
SDO1
125
MHz
270 Mbps data rate
270
MHz
1483.5 Mbps data rate
1483.5
MHz
1485 Mbps data rate
1485
MHz
2967 Mbps data rate
2967
MHz
2970 Mbps data rate
2970
MHz
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VCC = +2.5V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not ensured.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(5)
Refer to “A1” in Figure 1 of SMPTE RP 184-1996.
(6)
Refer to “A2” in Figure 1 of SMPTE RP 184-1996.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366


Số phần tương tự - LMH0366

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
More results

Mô tả tương tự - LMH0366

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
[Old version datasheet]   LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com